Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2020DRG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS2020DRG4
Description  POWER-DISTRIBUTION SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2020DRG4 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS2020DRG4 Datasheet HTML 1Page - Texas Instruments TPS2020DRG4 Datasheet HTML 2Page - Texas Instruments TPS2020DRG4 Datasheet HTML 3Page - Texas Instruments TPS2020DRG4 Datasheet HTML 4Page - Texas Instruments TPS2020DRG4 Datasheet HTML 5Page - Texas Instruments TPS2020DRG4 Datasheet HTML 6Page - Texas Instruments TPS2020DRG4 Datasheet HTML 7Page - Texas Instruments TPS2020DRG4 Datasheet HTML 8Page - Texas Instruments TPS2020DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
FEATURES
1
2
3
4
8
7
6
5
GND
IN
IN
EN
OUT
OUT
OUT
OC
D OR P PACKAGE
(TOP VIEW)
DESCRIPTION
TPS2020
,, TPS2021
TPS2022, TPS2023, TPS2024
SLVS175C – DECEMBER 1998 – REVISED SEPTEMBER 2007
www.ti.com
POWER-DISTRIBUTION SWITCHES
• UL Listed - File No. E169910
• 33-mΩ (5-V Input) High-Side MOSFET Switch
• Short-Circuit and Thermal Protection
• Overcurrent Logic Output
• Operating Range . . . 2.7 V to 5.5 V
• Logic-Level Enable Input
• Typical Rise Time . . . 6.1 ms
• Undervoltage Lockout
• Maximum Standby Supply Current . . . 10 μA
• No Drain-Source Back-Gate Diode
• Available in 8-Pin SOIC and PDIP Packages
• Ambient Temperature Range, –40°C to 85°C
• 2-kV Human-Body-Model, 200-V
Machine-Model ESD Protection
The TPS202x family of power distribution switches is intended for applications where heavy capacitive loads and
short circuits are likely to be encountered. These devices are 50-m
Ω N-channel MOSFET high-side power
switches. The switch is controlled by a logic enable compatible with 5-V logic and 3-V logic. Gate drive is
provided by an internal charge pump designed to control the power-switch rise times and fall times to minimize
current surges during switching. The charge pump requires no external components and allows operation from
supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the TPS202x limits the output
current to a safe level by switching into a constant-current mode, pulling the overcurrent (OC) logic output low.
When continuous heavy overloads and short circuits increase the power dissipation in the switch, causing the
junction temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from a
thermal shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures the switch
remains off until valid input voltage is present.
The TPS202x devices differ only in short-circuit current threshold. The TPS2020 limits at 0.3-A load, the
TPS2021 at 0.9-A load, the TPS2022 at 1.5-A load, the TPS2023 at 2.2-A load, and the TPS2024 at 3-A load
(see Available Options). The TPS202x is available in an 8-pin small-outline integrated-circuit (SOIC) package
and in an 8-pin dual in-line package (DIP) and operates over a junction temperature range of –40
°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS2020DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2020D TI-TPS2020D Datasheet
377Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2020DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com