Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC27L2AIP Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC27L2AIP
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L2AIP Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TLC27L2AIP Datasheet HTML 5Page - Texas Instruments TLC27L2AIP Datasheet HTML 6Page - Texas Instruments TLC27L2AIP Datasheet HTML 7Page - Texas Instruments TLC27L2AIP Datasheet HTML 8Page - Texas Instruments TLC27L2AIP Datasheet HTML 9Page - Texas Instruments TLC27L2AIP Datasheet HTML 10Page - Texas Instruments TLC27L2AIP Datasheet HTML 11Page - Texas Instruments TLC27L2AIP Datasheet HTML 12Page - Texas Instruments TLC27L2AIP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 10 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC27L2M
TLC27L7M
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLC27L2M
VO = 1.4 V,
VIC = 0,
25
°C
1.1
10
mV
VIO
Input offset voltage
TLC27L2M
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 1 MΩ
Full range
12
mV
VIO
Input offset voltage
TLC27L7M
VO = 1.4 V,
VIC = 0,
25
°C
190
800
µV
TLC27L7M
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 1 MΩ
Full range
4300
µV
αVIO
Average temperature coefficient of
25
°C to
1.4
µV/°C
αVIO
Average temperature coefficient of
input offset voltage
25 C to
125
°C
1.4
µV/°C
IIO
Input offset current (see Note 4)
VO = 5 V,
VIC = 5 V
25
°C
0.1
60
pA
IIO
Input offset current (see Note 4)
VO = 5 V,
VIC = 5 V
125
°C
1.8
15
nA
IIB
Input bias current (see Note 4)
VO = 5 V,
VIC = 5 V
25
°C
0.7
60
pA
IIB
Input bias current (see Note 4)
VO = 5 V,
VIC = 5 V
125
°C
10
35
nA
0
− 0.3
25
°C
0
to
− 0.3
to
V
VICR
Common-mode input voltage range
25 C
to
9
to
9.2
V
VICR
Common-mode input voltage range
(see Note 5)
0
(see Note 5)
Full range
0
to
V
Full range
to
8.5
V
25
°C
8
8.9
VOH
High-level output voltage
VID = 100 mV,
RL = 1 MΩ
−55
°C
7.8
8.8
V
VOH
High-level output voltage
VID = 100 mV,
RL = 1 MΩ
125
°C
7.8
9
V
25
°C
0
50
VOL
Low-level output voltage
VID = − 100 mV,
IOL = 0
−55
°C
0
50
mV
VOL
Low-level output voltage
VID = − 100 mV,
IOL = 0
125
°C
0
50
mV
Large-signal differential voltage
25
°C
50
860
AVD
Large-signal differential voltage
amplification
VO = 1 V to 6 V,
RL = 1 MΩ
−55
°C
25
1750
V/mV
AVD
amplification
VO = 1 V to 6 V,
RL = 1 MΩ
125
°C
25
380
V/mV
25
°C
65
97
CMRR
Common-mode rejection ratio
VIC = VICRmin
−55
°C
60
97
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin
125
°C
60
91
dB
Supply-voltage rejection ratio
25
°C
70
97
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
−55
°C
60
97
dB
kSVR
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
125
°C
60
98
dB
VO = 5 V,
VIC = 5 V,
25
°C
29
46
IDD
Supply current (two amplifiers)
VO = 5 V,
No load
VIC = 5 V,
−55
°C
56
96
µA
IDD
Supply current (two amplifiers)
No load
125
°C
18
30
µA
† Full range is − 55 °C to 125°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.


Numéro de pièce similaire - TLC27L2AIP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC27L2AIP TI-TLC27L2AIP Datasheet
538Kb / 33P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2AIP TI1-TLC27L2AIP Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2AIP TI-TLC27L2AIP Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Description similaire - TLC27L2AIP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272 Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_02 Datasheet
575Kb / 36P
[Old version datasheet]   LinCMOS??PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M7IDRG4 TI-TLC27M7IDRG4 Datasheet
1Mb / 50P
[Old version datasheet]   LINCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2ACDRG4 TI1-TLC27M2ACDRG4 Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272CPWR TI-TLC272CPWR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272BCDR TI-TLC272BCDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com