Moteur de recherche de fiches techniques de composants électroniques |
|
TZY2Z010A001 Fiches technique(PDF) 4 Page - Murata Manufacturing Co., Ltd. |
|
TZY2Z010A001 Fiches technique(HTML) 4 Page - Murata Manufacturing Co., Ltd. |
4 / 44 page T13E.pdf Aug.10,2012 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 2 o Part Numbering (Part Number) qProduct ID TZ Trimmer Capacitors Product ID rMaximum Capacitance Expressed by three-digit alphanumerics. The unit is pico-farad (pF). The first and second figures are significant digits, and the third figure expresses the number of zeros that follow the two numbers. If there is a decimal point, it is expressed by the capital letter "R". In this case, all figures are significant digits. Ceramic Trimmer Capacitors tTerminal Shape Code Terminal Shape A B E F N Top Adjustment: Top Adjustment: Rear Adjustment: Top Adjustment: Rear Adjustment: TZR1, TZS2, TZY2, TZV2, TZC3, TZW4, TZB4 (SMD Type) TZB4 (SMD Type) TZB4 (SMD Type) TZ03 (Lead Type) TZ03 (Lead Type) uPackaging Code B00 R00 R01* Bulk Reel (Taping ø180mm) Reel (Taping ø330mm) Packaging wSeries/Terminal Code 03 B4 W4 C3 S2 Y2 V2 R1 6mm Size Lead Type 4mm Size SMD Type 4mm Size SMD Type 3mm Size SMD Type 2mm Size SMD Type (Height 1.0mm) 2mm Size SMD Type (Height 1.25mm) 2mm Size SMD Type (Height 1.45mm) 1mm Size SMD Type (Height 0.90mm) Series/Terminal eTemperature Characteristics Code Z R K P NP0ppm/°C N750ppm/°C N1000ppm/°C N1200ppm/°C Temperature Characteristics Please refer to dimensions for terminal details. * TZB4 only. yIndividual Specifications Code 001 110 169 A10 B10 TZR1, TZS2, TZY2, TZW4 Standard Type TZV2, TZC3 Standard Type TZ03 Standard Type TZB4 No-cover Film Standard Type TZB4 with Cover Film Standard Type Individual Specifications Please refer to ratings for tolerance of temperature characteristics. t A y 001 q TZ u R00 r 200 e R w Y2 |
Numéro de pièce similaire - TZY2Z010A001 |
|
Description similaire - TZY2Z010A001 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |