Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQA12N60 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FQA12N60
Description  600V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA12N60 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FQA12N60 Datasheet HTML 1Page - Fairchild Semiconductor FQA12N60 Datasheet HTML 2Page - Fairchild Semiconductor FQA12N60 Datasheet HTML 3Page - Fairchild Semiconductor FQA12N60 Datasheet HTML 4Page - Fairchild Semiconductor FQA12N60 Datasheet HTML 5Page - Fairchild Semiconductor FQA12N60 Datasheet HTML 6Page - Fairchild Semiconductor FQA12N60 Datasheet HTML 7Page - Fairchild Semiconductor FQA12N60 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2000 Fairchild Semiconductor International
April 2000
Rev. A, April 2000
QFET
QFET
QFET
QFETTM
FQA12N60
600V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supply.
Features
• 12A, 600V, RDS(on) = 0.7 Ω @ VGS = 10 V
• Low gate charge ( typical 42 nC)
• Low Crss ( typical 25 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings
 T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQA12N60
Units
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
12
A
- Continuous (TC = 100°C)
7.6
A
IDM
Drain Current
- Pulsed
(Note 1)
48
A
VGSS
Gate-Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
790
mJ
IAR
Avalanche Current
(Note 1)
12
A
EAR
Repetitive Avalanche Energy
(Note 1)
24
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V
ns
PD
Power Dissipation (TC = 25°C)
240
W
- Derate above 25°C
1.92
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8
 from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.52
°C
W
RθCS
Thermal Resistance, Case-to-Sink
0.24
--
°C
W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C
W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
TO-3P
FQA Series
G
S
D


Numéro de pièce similaire - FQA12N60

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FQA12N60 ISC-FQA12N60 Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - FQA12N60

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com