Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQA11N90 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FQA11N90
Description  900V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA11N90 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FQA11N90 Datasheet HTML 1Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 2Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 3Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 4Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 5Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 6Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 7Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A, September 2000
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
※ N o te s :
1 . Z
θ JC ( t ) = 0. 42
℃ /W M a x .
2 . D u ty F a c t o r , D = t
1 /t 2
3 . T
JM
- T
C
= P
DM
* Z
θ JC (t )
s i ngl e p u ls e
D= 0 . 5
0. 0 2
0. 2
0. 0 5
0. 1
0. 0 1
t
1 , S q uar e
W a v e P u ls e D u r a t ion [ s ec]
25
50
75
100
125
150
0
2
4
6
8
10
12
T
C, Case Temperature [
℃]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10
µs
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS = 10 V
2. I
D = 5.7 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※ Notes :
1. V
GS = 0 V
2. I
D
= 250 μA
T
J, Junction Temperature [
o
C]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2


Numéro de pièce similaire - FQA11N90

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQA11N90 FAIRCHILD-FQA11N90 Datasheet
816Kb / 9P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA11N90 ISC-FQA11N90 Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA11N90-F109 FAIRCHILD-FQA11N90-F109 Datasheet
460Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
FQA11N90C FAIRCHILD-FQA11N90C Datasheet
707Kb / 8P
   900V N-Channel MOSFET
More results

Description similaire - FQA11N90

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com