Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS39ET Fiches technique(PDF) 1 Page - Honeywell Accelerometers

No de pièce SS39ET
Description  INDUSTRIAL APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL-ACC [Honeywell Accelerometers]
Site Internet  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SS39ET Fiches technique(HTML) 1 Page - Honeywell Accelerometers

  SS39ET Datasheet HTML 1Page - Honeywell Accelerometers SS39ET Datasheet HTML 2Page - Honeywell Accelerometers SS39ET Datasheet HTML 3Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INDUSTRIAL APPLICATIONS
SS39ET/SS49E/SS59ET Series Linear Magnetic Position
Sensor ICs
Sensing and Control
INTRODUCTION
SS39ET/SS49E/SS59ET series sensors are small, versatile
linear Hall-effect devices that monitor the positive or negative
pole on a permanent magnet or an electromagnet up to
1000 Gauss. They can be powered with voltages as low as
2.7 V and are available in three packages:
SS39ET: subminiature SOT-23 surface mount package
(tape and reel format)
SS49E: leaded flat TO-92 style package (bulk packaging),
SS49E-T2 (formed leads) and SS49E-T3 (straight leads) on
tape in ammopack (fan-fold) format
SS59ET: miniature SOT-89B surface-mount package (tape
and reel format)
Figure 1. SS39ET/SS49E/SS59ET Series with Lead Options
FEATURES AND BENEFITS
Miniature and subminiature construction: Designed for
compact designs with tight space requirements.
Energy efficient: Low current consumption of 6 mA at 5 Vdc
Easy PC board interface: Single current sourcing output for
common electronic circuits
Circuit design flexibility: Voltage range of 2.7 Vdc to
6.5 Vdc
Low noise output: Virtually eliminates the need for filtering
Stable output: Thin film resistors improve accuracy
Wide range of environments: Temperature range of -40 °C
to 100 °C [-40 °F to 212 °F]
Application flexibility: Responds to either positive or
negative Gauss
POTENTIAL INDUSTRIAL & CONSUMER APPLICATIONS
Figures 2 through 6 show a variety of potential applications in
which these products may be used.
Tamper-Prevention in Utility Meters
Thieves sometimes attempt to bypass the operation of an
electric, gas or water meter by attaching a strong magnet to it.
The utility usage is underestimated when the magnet saturates
the current transformer or slows the spinning wheel.
Figure 2. Natural Gas Meter
Install linear Hall-effect sensors in multiple locations inside the
meter to detect the abnormal presence of a magnetic field.
Send an alarm to the utility company or record this fraudulent
activity in memory for processing at a later date.
Customer Benefits
Small: Subminiature sensors easily fit into tight spaces
Prevents false detection: Monitors magnetic fields from a
north or south pole up to 1000 Gauss
Energy efficient: Low voltage capability down to 2.7 V
High volume use: Low cost and taping option for automatic
component placement make this product suitable for high-
volume production


Numéro de pièce similaire - SS39ET

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Accelerometer...
SS39ET HONEYWELL-ACC-SS39ET Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
More results

Description similaire - SS39ET

FabricantNo de pièceFiches techniqueDescription
logo
Power System Technology
PST20 PST-PST20 Datasheet
221Kb / 3P
   Industrial applications
logo
Taiyo Yuden (U.S.A.), I...
GMJ325KB7106KMHP TAIYO-YUDEN-GMJ325KB7106KMHP Datasheet
289Kb / 2P
   Industrial Applications
GMJ107BB7104MAHT TAIYO-YUDEN-GMJ107BB7104MAHT Datasheet
288Kb / 2P
   Industrial Applications
JMJ325KB7476MMHP TAIYO-YUDEN-JMJ325KB7476MMHP Datasheet
288Kb / 2P
   Industrial Applications
logo
Power System Technology
PST04 PST-PST04 Datasheet
232Kb / 4P
   Industrial, naval applications
logo
Infineon Technologies A...
ITS711L1 INFINEON-ITS711L1_10 Datasheet
1Mb / 18P
   For Industrial Applications
Rev. 1.3, 2010-03-16
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
STMicroelectronics
AN2208 STMICROELECTRONICS-AN2208 Datasheet
2Mb / 51P
   Designing Industrial Applications with
logo
Power System Technology
PST19 PST-PST19 Datasheet
657Kb / 4P
   Naval and industrial applications
FAB0404010 PST-FAB0404010 Datasheet
213Kb / 3P
   Railways and industrial applications
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com