Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA80BC0WFP-E2 Fiches technique(PDF) 8 Page - Rohm

No de pièce BA80BC0WFP-E2
Description  1A Variable/Fixed Output LDO Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA80BC0WFP-E2 Fiches technique(HTML) 8 Page - Rohm

Back Button BA80BC0WFP-E2 Datasheet HTML 4Page - Rohm BA80BC0WFP-E2 Datasheet HTML 5Page - Rohm BA80BC0WFP-E2 Datasheet HTML 6Page - Rohm BA80BC0WFP-E2 Datasheet HTML 7Page - Rohm BA80BC0WFP-E2 Datasheet HTML 8Page - Rohm BA80BC0WFP-E2 Datasheet HTML 9Page - Rohm BA80BC0WFP-E2 Datasheet HTML 10Page - Rohm BA80BC0WFP-E2 Datasheet HTML 11Page - Rohm BA80BC0WFP-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8/16
BAxxBC0 Series
BAxxBC0W Series
BA00BC0WCP-V5
Datasheet
TSZ02201-0R6R0A600120-1-2
TSZ22111・15・001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
26.Jun.2012 Rev.001
Application Information
●I/O equivalence circuit
●Power Dissipation
• TO220FP-3/TO220FP-5/TO220FP-5 V5)
• TO252-3/TO252-5
The characteristics of the IC are greatly influenced by the operating temperature. If the temperature exceeds the maximum
junction temperature Tjmax, deterioration or damage may occur. Implement proper thermal designs to ensure that power
dissipation is within the permissible range in order to prevent instantaneous damage resulting from heat and maintain the
reliability of the IC for long-term operation.
The following method is used to calculate the power consumption Pc (W).
Pc = (Vcc – Vo)
× Io + Vcc × Icca
Power dissipation Pd ≧ Pc
The load current Io is calculated:
Calculation Example:
Vcc = 6.0 V and Vo = 5.0 V at Ta = 85°C
31k
Ω
2k
Ω
27k
Ω
CTL
Vcc
R2
R1
Vcc
OUT
Fig.16
Fig.17
* For the BA00BC0WT, connect R1 and
R2 externally between the C and GND
pins and between the OUT and C pins.
Fig.18
Fig.19
0
15
25
20
10
5
25
50
75
125
150
100
0
AMBIENT TEMPERATURE:Ta [°C]
(1)20.0
(2)2.0
(2) During IC without heat sink operation.
θj-a = 62.5 (°C/W)
(1) When using an infinite heat sink.
θj-c = 6.25 (°C/W)
0
1.2
2.0
1.6
0.8
0.4
25
50
75
125
150
100
0
AMBIENT TEMPERATURE:Ta [°C]
1.30
IC mounted on a ROHM standard board
Board size: 70
× 70 × 1.6 mm
Copper foil area: 7
× 7 mm
TO252-5
θja=96.2 (°C/W)
TO252-3
θja=104.2 (°C/W)
TO252-5
TO252-3
θja = 96.2°C/W → −10.4mW/°C
25°C = 1300mW → 85°C = 676mW
Vcc : Input voltage
Vo
: Output current
IO
: Load current
Icca : Circuit current
Io ≦
Pd
− Vcc
× Icca
Vcc
− Vo
Io≦
0.676
− 6.0
× Icca
6.0
− 5.0
Io ≦ 550mA (Icca
≈ 20mA)
Equation: VO = Vc × (R1 + R2) / R1
(Vc = 1.25 V (Typ.))
The recommended R1 value is
approximately 30 k
Ω to 150 kΩ.


Numéro de pièce similaire - BA80BC0WFP-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA80BC0WFP-E2 ROHM-BA80BC0WFP-E2 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Description similaire - BA80BC0WFP-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com