Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA70BC0WFP-E2 Fiches technique(PDF) 2 Page - Rohm

No de pièce BA70BC0WFP-E2
Description  1A Variable/Fixed Output LDO Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA70BC0WFP-E2 Fiches technique(HTML) 2 Page - Rohm

  BA70BC0WFP-E2 Datasheet HTML 1Page - Rohm BA70BC0WFP-E2 Datasheet HTML 2Page - Rohm BA70BC0WFP-E2 Datasheet HTML 3Page - Rohm BA70BC0WFP-E2 Datasheet HTML 4Page - Rohm BA70BC0WFP-E2 Datasheet HTML 5Page - Rohm BA70BC0WFP-E2 Datasheet HTML 6Page - Rohm BA70BC0WFP-E2 Datasheet HTML 7Page - Rohm BA70BC0WFP-E2 Datasheet HTML 8Page - Rohm BA70BC0WFP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2/16
BAxxBC0 Series
BAxxBC0W Series
BA00BC0WCP-V5
Datasheet
TSZ02201-0R6R0A600120-1-2
TSZ22111・15・001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
26.Jun.2012 Rev.001
●Lineup
Maximum output
current(Max.)
Shutdown
Switch
Package
Output
voltage(Typ.)
Orderable
Part Number
1A
With Switch
TO252-5
Reel of 2000
1.5 V
BA15BC0WFP-E2
1.8 V
BA18BC0WFP-E2
2.5 V
BA25BC0WFP-E2
3.0 V
BA30BC0WFP-E2
3.3 V
BA33BC0WFP-E2
5.0 V
BA50BC0WFP-E2
6.0 V
BA60BC0WFP-E2
7.0 V
BA70BC0WFP-E2
8.0 V
BA80BC0WFP-E2
9.0 V
BA90BC0WFP-E2
10.0 V
BAJ0BC0WFP-E2
Variable
BA00BC0WFP-E2
TO220FP-5
Tube of 500
1.5 V
BA15BC0WT
1.8 V
BA18BC0WT
2.5 V
BA25BC0WT
3.0 V
BA30BC0WT
3.3 V
BA33BC0WT
5.0 V
BA50BC0WT
6.0 V
BA60BC0WT
7.0 V
BA70BC0WT
8.0 V
BA80BC0WT
9.0 V
BA90BC0WT
10.0 V
BAJ0BC0WT
Variable
BA00BC0WT
TO220FP-5 (V5)
Tube of 500
1.5 V
BA15BC0WT-V5
1.8 V
BA18BC0WT-V5
2.5 V
BA25BC0WT-V5
3.3 V
BA33BC0WT-V5
5.0 V
BA50BC0WT-V5
9.0 V
BA90BC0WT-V5
Variable
BA00BC0WT-V5
TO220CP-V5
Reel of 500
Variable
BA00BC0WCP-V5E2
No Switch
TO252-3
Reel of 2000
1.5 V
BA15BC0FP-E2
1.8 V
BA18BC0FP-E2
2.5 V
BA25BC0FP-E2
3.0 V
BA30BC0FP-E2
3.3 V
BA33BC0FP-E2
5.0 V
BA50BC0FP-E2
6.0 V
BA60BC0FP-E2
7.0 V
BA70BC0FP-E2
8.0 V
BA80BC0FP-E2
9.0 V
BA90BC0FP-E2
10.0 V
BAJ0BC0FP-E2
TO220FP-3
Tube of 500
1.5 V
BA15BC0T
1.8 V
BA18BC0T
2.5 V
BA25BC0T
3.0 V
BA30BC0T
3.3 V
BA33BC0T
5.0 V
BA50BC0T
6.0 V
BA60BC0T
7.0 V
BA70BC0T
8.0 V
BA80BC0T
9.0 V
BA90BC0T
10.0 V
BAJ0BC0T


Numéro de pièce similaire - BA70BC0WFP-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA70BC0WFP-E2 ROHM-BA70BC0WFP-E2 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Description similaire - BA70BC0WFP-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com