Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-EL3B-WXLDD Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-EL3B-WXLDD
Description  New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL3B-WXLDD Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EL3B-WXLDD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXLDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXLDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXLDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXLDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXLDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXLDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXLDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXLDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image

HLMP-EGxx, HLMP-ELxx
New T-1¾ (5mm) Extra High Brightness AlInGaP LED Lamps
Data Sheet
Features
• Viewing angle: 5°, 23°, 30°
• High luminous output
• Colors:
590nm Amber
626nm Red
• Package options:
With or without lead standoff
• Superior resistance to moisture
• Untinted for 5°, 23° and 30° lamps
Applications
• Traffic management:
- Traffic signals
- Pedestrian signals
- Work zone warning lights
- Variable message signs
• Solar Power signs
• Commercial outdoor advertising
- Signs
- Marquees
Description
These Precision Optical Performance AlInGaP LEDs
provide superior light output for excellent readability in
sunlight and are extremely reliable. AlInGaP LED tech-
nology provides extremely stable light output over long
periods of time. Precision Optical Performance lamps
utilize the aluminum indium gallium phosphide (AlInGaP)
technology.
These LED lamps are untinted, T-¾ packages incorpo-
rating second generation optics producing well defined
spatial radiation patterns at specific viewing cone angles.
These lamps are made with an advanced optical grade
epoxy offering superior high temperature and high
moisture resistance performance in outdoor signal and
sign application. The maximum LED junction tempera-
ture limit of +30°C enables high temperature operation
in bright sunlight conditions. The epoxy contains both
uv-a and uv-b inhibitors to reduce the effects of long
term exposure to direct sunlight.
Benefits
• Superior performance for outdoor environments
• Suitable for auto-insertion onto PC board


Numéro de pièce similaire - HLMP-EL3B-WXLDD

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-EL3B-WXLDD BOARDCOM-HLMP-EL3B-WXLDD Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
More results

Description similaire - HLMP-EL3B-WXLDD

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL12-VY0DD AVAGO-HLMP-EL12-VY0DD Datasheet
462Kb / 11P
   T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL1A-Z1KDV AVAGO-HLMP-EL1A-Z1KDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-544UG UOT-MVL-544UG Datasheet
35Kb / 2P
   T-1 3/4 ( f 5mm) HIGH POWER AlInGaP LED LAMPs
MVL-5A4UYL UOT-MVL-5A4UYL Datasheet
38Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
logo
Visual Communications C...
4304H6 VCC-4304H6 Datasheet
58Kb / 1P
   Solid State LED Lamps-High Brightness T-1 3/4 (5mm)
logo
Unity Opto Technology
MVL-5A4SO UOT-MVL-5A4SO Datasheet
39Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com