Moteur de recherche de fiches techniques de composants électroniques |
|
UC2874-2 Fiches technique(PDF) 10 Page - Texas Instruments |
|
UC2874-2 Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 12 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) UC2874DW-1 ACTIVE SOIC DW 18 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR UC2874DW-1G4 ACTIVE SOIC DW 18 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR UC2874DW-2 ACTIVE SOIC DW 18 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR UC2874DW-2G4 ACTIVE SOIC DW 18 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR UC2874N-1 ACTIVE PDIP N 18 20 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type UC2874N-1G4 ACTIVE PDIP N 18 20 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type UC2874N-2 ACTIVE PDIP N 18 20 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type UC2874N-2G4 ACTIVE PDIP N 18 20 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type UC2874Q-1 NRND PLCC FN 20 TBD Call TI Call TI UC2874Q-2 NRND PLCC FN 20 TBD Call TI Call TI UC3874DW-1 ACTIVE SOIC DW 18 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR UC3874DW-1G4 ACTIVE SOIC DW 18 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR UC3874DW-2 ACTIVE SOIC DW 18 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR UC3874DW-2G4 ACTIVE SOIC DW 18 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR UC3874N-1 ACTIVE PDIP N 18 20 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type UC3874N-1G4 ACTIVE PDIP N 18 20 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type UC3874N-2 ACTIVE PDIP N 18 20 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type UC3874N-2G4 ACTIVE PDIP N 18 20 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. PACKAGE OPTION ADDENDUM www.ti.com 27-Aug-2009 Addendum-Page 1 |
Numéro de pièce similaire - UC2874-2 |
|
Description similaire - UC2874-2 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |