Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-EG3A-VW0DD Fiches technique(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-EG3A-VW0DD
Description  New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EG3A-VW0DD Fiches technique(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EG3A-VW0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3A-VW0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3A-VW0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3A-VW0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3A-VW0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3A-VW0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3A-VW0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3A-VW0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3A-VW0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Device Selection Guide
Typical viewing
Angle
1/2 (Deg)[4]
Color and Dominant
Wavelength (nm),
Typ [3]
Lamps without Standoff
on leads
(Package drawing A)
Lamps with Standoff
on leads
(Package drawing B)
Luminous Intensity
Iv (mcd) [1,2,5] at 20 mA
Min
Max
5°
Amber 590
HLMP-ELA-ZKDD
HLMP-ELB-ZKDD
2000
2000
HLMP-ELA-ZLDD
HLMP-ELB-ZLDD
2000
2000
Red 626
HLMP-EGA-Z0DD
HLMP-EGB-Z0DD
2000
2000
23°
Amber 590
HLMP-EL2A-XYKDD
HLMP-EL2B-XYKDD
7200
2000
HLMP-EL2A-XYLDD
HLMP-EL2B-XYLDD
7200
2000
Red 626
HLMP-EG2A-XY0DD
HLMP-EG2B-XY0DD
7200
2000
30°
Amber 590
HLMP-EL3A-VWKDD
HLMP-EL3B-VWKDD
4200
7200
HLMP-EL3A-VWLDD
HLMP-EL3B-VWLDD
4200
7200
HLMP-EL3A-WXKDD
HLMP-EL3B-WXKDD
5500
9300
HLMP-EL3A-WXLDD
HLMP-EL3B-WXLDD
5500
9300
Red 626
HLMP-EG3A-VW0DD
HLMP-EG3B-VW0DD
4200
7200
HLMP-EG3A-WX0DD
HLMP-EG3B-WX0DD
5500
7200
Notes:
. The luminous intensity is measured on the mechanical axis of the lamp package and it is tested with pulsing condition.
2. The optical axis is closely aligned with the package mechanical axis.
3. Dominant wavelength, λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4. θ½ is the off-axis angle where the luminous intensity is half the on-axis intensity.
5. Tolerance for each bin limit is ± 5%
Part Numbering System
Note: Please refer to AB 5337 for complete information on part numbering system.
HLMP – E x xx - x x x xx
Mechanical Options
DD : Ammo Pack
Color Bin Selections
0 : Full color distribution
K : Color Bin 2 & 4
L : Color Bin 4 & 6
Maximum Intensity Bin
0 : No maximum intensity limit (Refer to Selection Guide)
Minimum Intensity Bin
Viewing Angle and Lead Standoffs
1A: 15° without lead standoff
1B: 15° with lead standoff
2A: 23° without lead standoff
2B: 23° with lead standoff
3A: 30° without lead standoff
3B: 30° with lead standoff
Color
G : Red 626nm
L : Amber 590nm
Refer to Device Selection Guide


Numéro de pièce similaire - HLMP-EG3A-VW0DD

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG3A-WX0DV AVAGO-HLMP-EG3A-WX0DV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
logo
Broadcom Corporation.
HLMP-EG3A-WX0XX BOARDCOM-HLMP-EG3A-WX0XX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
More results

Description similaire - HLMP-EG3A-VW0DD

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL12-VY0DD AVAGO-HLMP-EL12-VY0DD Datasheet
462Kb / 11P
   T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL1A-Z1KDV AVAGO-HLMP-EL1A-Z1KDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-544UG UOT-MVL-544UG Datasheet
35Kb / 2P
   T-1 3/4 ( f 5mm) HIGH POWER AlInGaP LED LAMPs
MVL-5A4UYL UOT-MVL-5A4UYL Datasheet
38Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
logo
Visual Communications C...
4304H6 VCC-4304H6 Datasheet
58Kb / 1P
   Solid State LED Lamps-High Brightness T-1 3/4 (5mm)
logo
Unity Opto Technology
MVL-5A4SO UOT-MVL-5A4SO Datasheet
39Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com