Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA-350 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce CA-350
Description  Aluminium enclosures CA series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CA-350 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CA-350 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 9Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 10Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 11Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 12Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 13Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
307
122 x 122 x 90 mm
CA-215
Aluminium enclosure
122 x 122 x 80 mm
CA-220
Aluminium enclosure
220 x 122 x 80 mm
CA-230
Aluminium enclosure
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
CA-215
920
122 x 122 x 90
Part number
121.0.0000.50
l
121.0.0010.50
121.0.0110.50
121.0.0080.50
121.0.0100.50
121.0.0060.50
121.0.0120.50
951.1.1500.00
l
982.1.0000.00
l
982.2.0010.00
l
981.0.0020.00
l
982.4.0240.00
l
980.1.0470.00
l
980.1.0310.00
l
923.1.0060.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
12
6422000
Side C/D
52210000
** mechanical enclosure machining required
l = kept in stock
CA-220
940
122 x 122 x 80
Part number
122.0.0000.00
l
122.0.0010.00
122.0.0270.00
122.0.0080.00
122.0.0100.00
122.0.0060.00
122.0.0610.00
951.1.0080.00
l
982.1.0000.00
l
982.2.0010.00
l
981.0.0020.00
l
982.4.0240.00
l
980.1.0470.00
l
980.1.0310.00
923.1.0060.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
12
6422000
Side C/D
52210000
** mechanical enclosure machining required
l = kept in stock
CA-230
1410
220 x 122 x 80
Part number
123.0.0000.00
l
123.0.0010.00
123.0.0160.00
123.0.0080.00
123.0.0100.00
123.0.0060.00
123.0.0150.00
951.1.0950.00
l
982.1.0050.00
l
982.2.0070.00
l
981.0.0080.00
l
982.4.0240.00
l
980.1.0470.00
l
980.1.0310.00
923.1.0060.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
27
12
854000
Side C/D
52210000
** mechanical enclosure machining required
l = kept in stock
LID
BASE
LID
BASE
LID
BASE


Numéro de pièce similaire - CA-350

FabricantNo de pièceFiches techniqueDescription
logo
Tensility International...
CA-354S TENSILITY-CA-354S Datasheet
85Kb / 2P
   Cable, 4 conductor, 3.5mm plug, no ring, to stripped/tinned, 6 feet, shielded, 26 AWG
CA-354S-M/M TENSILITY-CA-354S-M/M Datasheet
55Kb / 2P
   Cable, 4 conductor, 3.5 mm plug to 3.5 mm, no ring, 6 feet, shielded, 26 AWG
CA-354S-MM TENSILITY-CA-354S-MM Datasheet
55Kb / 2P
   Cable, 4 conductor, 3.5 mm plug to 3.5 mm, no ring, 6 feet, shielded, 26 AWG
CA-356CS TENSILITY-CA-356CS Datasheet
58Kb / 2P
   Cable, 6 conductor, 3.5mm plug, no ring, to stripped/tinned, 6 feet, shielded, 26 AWG
More results

Description similaire - CA-350

FabricantNo de pièceFiches techniqueDescription
logo
FIBOX Enclosing innovat...
7720027 FIBOX-7720027 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures
19.01.2023
7720070 FIBOX-7720070 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720139 FIBOX-7720139 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720026 FIBOX-7720026 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
8392227 FIBOX-8392227 Datasheet
53Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392224 FIBOX-8392224 Datasheet
51Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392228 FIBOX-8392228 Datasheet
50Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392226 FIBOX-8392226 Datasheet
60Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392229 FIBOX-8392229 Datasheet
48Kb / 1P
   Swing-out door/Front plate (aluminium), for enclosures
26.07.2023
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
   IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com