Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9959BCPZ1 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD9959BCPZ1
Description  4-Channel, 500 MSPS DDS with 10-Bit DACs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9959BCPZ1 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD9959BCPZ1 Datasheet HTML 7Page - Analog Devices AD9959BCPZ1 Datasheet HTML 8Page - Analog Devices AD9959BCPZ1 Datasheet HTML 9Page - Analog Devices AD9959BCPZ1 Datasheet HTML 10Page - Analog Devices AD9959BCPZ1 Datasheet HTML 11Page - Analog Devices AD9959BCPZ1 Datasheet HTML 12Page - Analog Devices AD9959BCPZ1 Datasheet HTML 13Page - Analog Devices AD9959BCPZ1 Datasheet HTML 14Page - Analog Devices AD9959BCPZ1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AD9959
Rev. B | Page 11 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
STOP 250MHz
25MHz/DIV
DELTA 1 (T1)
–71.73dB
4.50901804MHz
1
RBW
20kHz
RF ATT
20dB
VBW
20kHz
SWT
1.6s
UNIT
dB
REF LVL
0dBm
1
A
1AP
Figure 4. Wideband SFDR, fOUT = 1.1 MHz, fCLK = 500 MSPS
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
STOP 250Hz
25MHz/DIV
DELTA 1 (T1)
–62.84dB
40.08016032MHz
RBW
20kHz
RF ATT
20dB
VBW
20kHz
SWT
1.6s
UNIT
dB
REF LVL
0dBm
A
1AP
1
1
Figure 5. Wideband SFDR, fOUT = 40.1 MHz, fCLK = 500 MSPS
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
STOP 250MHz
25MHz/DIV
DELTA 1 (T1)
–59.04dB
100.70140281MHz
RBW
20kHz
RF ATT
20dB
VBW
20kHz
SWT
1.6s
UNIT
dB
REF LVL
0dBm
A
1AP
1
1
Figure 6. Wideband SFDR, fOUT = 100.3 MHz, fCLK = 500 MSPS
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
STOP 250MHz
25MHz/DIV
DELTA 1 (T1)
–69.47dB
30.06012024MHz
RBW
20kHz
RF ATT
20dB
VBW
20kHz
SWT
1.6s
UNIT
dB
REF LVL
0dBm
A
1AP
1
1
Figure 7. Wideband SFDR, fOUT = 15.1 MHz, fCLK = 500 MSPS
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
STOP 250MHz
25MHz/DIV
DELTA 1 (T1)
–60.13dB
75.15030060MHz
RBW
20kHz
RF ATT
20dB
VBW
20kHz
SWT
1.6s
UNIT
dB
REF Lv]
0dBm
A
1AP
1
1
Figure 8. Wideband SFDR, fOUT = 75.1 MHz, fCLK = 500 MSPS
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
STOP 250MHz
25MHz/DIV
DELTA 1 (T1)
–53.84dB
–101.20240481MHz
RBW
20kHz
RF ATT
20dB
VBW
20kHz
SWT
1.6s
UNIT
dB
REF LVL
0dBm
A
1AP
1
1
Figure 9. Wideband SFDR, fOUT = 200.3 MHz, fCLK = 500 MSPS


Numéro de pièce similaire - AD9959BCPZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ AD-AD9959BCPZ Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959BCPZ-REEL7 AD-AD9959BCPZ-REEL7 Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
More results

Description similaire - AD9959BCPZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_15 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_V01 Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9958 AD-AD9958 Datasheet
1Mb / 40P
   2-Channel 500 MSPS DDS with 10-Bit DACs
REV. 0
AD9958 AD-AD9958_16 Datasheet
810Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
AD9958 AD-AD9958_08 Datasheet
659Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
AD9959 AD-AD9959 Datasheet
246Kb / 9P
   4 Channel 500MSPS DDS with 10-bit DACs
Rev. PrB
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
   LVDS Interface, 500 MSPS DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com