Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMG1G100US60H Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FMG1G100US60H
Description  Molding Type Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMG1G100US60H Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FMG1G100US60H Datasheet HTML 1Page - Fairchild Semiconductor FMG1G100US60H Datasheet HTML 2Page - Fairchild Semiconductor FMG1G100US60H Datasheet HTML 3Page - Fairchild Semiconductor FMG1G100US60H Datasheet HTML 4Page - Fairchild Semiconductor FMG1G100US60H Datasheet HTML 5Page - Fairchild Semiconductor FMG1G100US60H Datasheet HTML 6Page - Fairchild Semiconductor FMG1G100US60H Datasheet HTML 7Page - Fairchild Semiconductor FMG1G100US60H Datasheet HTML 8Page - Fairchild Semiconductor FMG1G100US60H Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
FMG1G100US60H Rev. A
6
10
100
50
100
1000
3000
Tf
Tf
Toff
Common Emitter
V
CC = 300V, VGE =
± 15V
I
C = 100A
T
C =
25℃
T
C = 125
Gate Resistance, R
G []
0.5
1
10
30
0
5000
10000
15000
20000
25000
30000
Cres
Coes
Cies
Common Emitter
V
GE = 0V, f = 1MHz
T
C = 25
Collector - Emitter Voltage, V
CE [V]
Fig 7. Capacitance Characteristics
Fig 9. Turn-Off Characteristics vs.
Gate Resistance
Fig 10. Switching Loss vs. Gate Resistance
Fig 11. Turn-On Characteristics vs.
Collector Current
Fig 12. Turn-Off Characteristics vs.
Collector Current
110
10
100
1000
Common Emitter
V
CC = 300V, VGE = +/- 15V
I
C = 100A
T
C = 25
0
C
T
C = 125
0
C
Ton
Tr
Gate Resistance, R
G []
20
40
60
80
100
120
140
10
100
Tr
Ton
Common Emitter
V
CC = 300V, VGE = +/- 15V
R
G = 2.4
T
C = 25
0
C
T
C = 125
0
C
Collector Current, I
C [A]
110
100
1000
Tf
Common Emitter
V
CC = 300V, VGE = +/- 15V
I
C = 100A
T
C = 25
0
C
T
C = 125
0
C
Toff
Tf
Gate Resistance, R
g []
110
1000
10000
Common Emitter
V
CC = 300V, VGE = +/- 15V
I
C = 100A
T
C = 25
0
C
T
C = 125
0
C
Eon
Eoff
Gate Resistance, R
G []
Fig 8. Turn-On Characteristics vs.
Gate Resistance


Numéro de pièce similaire - FMG1G100US60H

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FMG1G100US60L FAIRCHILD-FMG1G100US60L Datasheet
663Kb / 9P
   Molding Type Module
More results

Description similaire - FMG1G100US60H

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FMG2G300US60 FAIRCHILD-FMG2G300US60 Datasheet
553Kb / 7P
   Molding Type Module
FMG2G400LS60 FAIRCHILD-FMG2G400LS60 Datasheet
384Kb / 6P
   Molding Type Module
FMG2G75US120 FAIRCHILD-FMG2G75US120 Datasheet
500Kb / 7P
   Molding Type Module
FMG2G400US60 FAIRCHILD-FMG2G400US60 Datasheet
568Kb / 7P
   Molding Type Module
FM2G300US60 FAIRCHILD-FM2G300US60 Datasheet
696Kb / 9P
   Molding Type Module
FMG1G75US60L FAIRCHILD-FMG1G75US60L Datasheet
656Kb / 9P
   Molding Type Module
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
   Molding Type Module
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
   Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
   Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
   Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
   Molding Type Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com