Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBJ130A Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce SMBJ130A
Description  Transil
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ130A Fiches technique(HTML) 4 Page - STMicroelectronics

  SMBJ130A Datasheet HTML 1Page - STMicroelectronics SMBJ130A Datasheet HTML 2Page - STMicroelectronics SMBJ130A Datasheet HTML 3Page - STMicroelectronics SMBJ130A Datasheet HTML 4Page - STMicroelectronics SMBJ130A Datasheet HTML 5Page - STMicroelectronics SMBJ130A Datasheet HTML 6Page - STMicroelectronics SMBJ130A Datasheet HTML 7Page - STMicroelectronics SMBJ130A Datasheet HTML 8Page - STMicroelectronics SMBJ130A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
SMBJ
4/10
Doc ID 5616 Rev 10
Figure 5.
Clamping voltage versus peak pulse current (exponential waveform, maximum values)
Figure 3.
Peak pulse power dissipation
versus initial junction temperature
Figure 4.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
0
100
200
300
400
500
600
700
0
25
50
75
100
125
150
175
P
pp (W)
Tj(°C)
0.1
1.0
10.0
100.0
1.0E-03
1.0E-021.0E-011.0E+00
1.0E+01
P
PP(kW)
T
j initial = 25 °C
tP(ms)
IPP(A )
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
10/1000 µs
Tj initial=25 °C
8/20 µs
10 ms
V CL(V)


Numéro de pièce similaire - SMBJ130A

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
SMBJ130A JGD-SMBJ130A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ130A SOCAY-SMBJ130A Datasheet
632Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMBJ130A LITTELFUSE-SMBJ130A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Yangzhou yangjie electr...
SMBJ130A YANGJIE-SMBJ130A Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Weitron Technology
SMBJ130A WEITRON-SMBJ130A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Description similaire - SMBJ130A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com