Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM93CS56LVN Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FM93CS56LVN
Description  (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93CS56LVN Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FM93CS56LVN Datasheet HTML 6Page - Fairchild Semiconductor FM93CS56LVN Datasheet HTML 7Page - Fairchild Semiconductor FM93CS56LVN Datasheet HTML 8Page - Fairchild Semiconductor FM93CS56LVN Datasheet HTML 9Page - Fairchild Semiconductor FM93CS56LVN Datasheet HTML 10Page - Fairchild Semiconductor FM93CS56LVN Datasheet HTML 11Page - Fairchild Semiconductor FM93CS56LVN Datasheet HTML 12Page - Fairchild Semiconductor FM93CS56LVN Datasheet HTML 13Page - Fairchild Semiconductor FM93CS56LVN Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
www.fairchildsemi.com
FM93CS56 Rev. C.1
Timing Diagrams (Continued)
Address
Bits(8)
CS
PE
SK
DI
DO
High - Z
WRITE DISABLE CYCLE (WDS)
Star t
Bit
93CS56:
Address bits patter n -> 0-0-x-x-x-x-x-x; (x -> Don't Care, can be 0 or 1)
Opcode
Bits(2)
1
0
0
A7
A6
A1
A0
PRE
tCS
;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;
Address
Bits(8)
Data
Bits(16)
CS
PE
SK
DI
DO
High - Z
tCS
WRITE CYCLE (WRITE)
Star t
Bit
93CS56:
Address bits patter n -> x-A6-A5-A4-A3-A2-A1-A0; (x -> Don't Care, can be 0 or 1); ( A6-A0 -> User defined )
Data bits patter n
-> User defined
Opcode
Bits(2)
1
0
1
A7
A6
A1
A0
D15
D14
D1
D0
PRE
Busy
Ready
tWP
Address
Bits(8)
CS
PE
SK
DI
DO
High - Z
WRITE ENABLE CYCLE (WEN)
Star t
Bit
93CS56:
Address bits patter n -> 1-1-x-x-x-x-x-x; (x -> Don't Care, can be 0 or 1)
Opcode
Bits(2)
1
0
0
A7
A6
A1
A0
PRE
tCS


Numéro de pièce similaire - FM93CS56LVN

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06E FAIRCHILD-FM93CS06E Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06V FAIRCHILD-FM93CS06V Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46E FAIRCHILD-FM93CS46E Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
More results

Description similaire - FM93CS56LVN

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
logo
Fairchild Semiconductor
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com