Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZZL-4016-10P Fiches technique(PDF) 7 Page - Amphenol Corporation

No de pièce ZZL-4016-10P
Description  Amphenol pyle MIL-C-26500 Connectors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

ZZL-4016-10P Fiches technique(HTML) 7 Page - Amphenol Corporation

Back Button ZZL-4016-10P Datasheet HTML 3Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 4Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 5Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 6Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 7Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 8Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 9Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 10Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
5
MIL-C-26500
aluminum/stainless steel,
threaded/bayonet coupling
THREADED COUPLING
PYLE ZZY
MS2426X(
)TXX
BAYONET COUPLING
PYLE ZZW
MS2426X(
)BXX
NA designates not available
* See how to order, page 7, for further description of hardware classes.
** See how to order, page 7, to complete part numbers.
Shell Style
(Stainless Steel pictured)
Basic
Performance Level
Hardware
Description*
Class*
Basic Part Number**
Square Flange
Mounted
Receptacle
Threaded Coupling
General Purpose,
Environmental Resistant
Aluminum
Military Class R or G
MS24264(R or G)XXTXX
Pyle A or M Series
ZZY-(A or M)X-17XX
Superior Strength,
Corrosion Resistance up
to 204°C (399°F)
Stainless Steel
Military Class E
MS24264EXXTXX
Pyle R Series
ZZY-RX-17XX
Single Hole (D-Hole)
Mounted
Receptacle
Threaded Coupling
General Purpose,
Environmental Resistant
Aluminum
Military Class R or G
MS24265(R or G)XXTXX
Pyle A or M Series
ZZY-(A or M)X-15XX
Superior Strength,
Corrosion Resistance up
to 204°C (399°F)
Stainless Steel
Military Class E
MS24265EXXTXX
Pyle R Series
ZZY-RX-15XX
Straight Plug
Threaded Coupling
General Purpose,
Environmental Resistant
Aluminum
Military Class R or G
MS24266(R or G)XXTXX
Pyle A or M Series
ZZY-(A or M)X-10XX
Superior Strength,
Corrosion Resistance up
to 204°C (399°F)
Stainless Steel
Military Class E
MS24266EXXTXX
Pyle R Series
ZZY-RX-10XX
Shell Style
(Stainless Steel pictured)
Basic
Performance Level
Hardware
Description*
Class*
Basic Part Number**
Square Flange
Mounted
Receptacle
Bayonet Coupling
General Purpose,
Environmental Resistant
Aluminum
Military Class R or G
MS24264(R or G)XXBXX
Pyle A or M Series
ZZW-(A or M)X-17XX
Superior Strength,
Corrosion Resistance up
to 204°C (399°F)
Stainless Steel
Military Class E
MS24264EXXTXX
Pyle R Series
ZZW-RX-17XX
Single Hole (D-Hole)
Mounted
Receptacle
Bayonet Coupling
General Purpose,
Environmental Resistant
Aluminum
Military Class R or G
MS24265(R or G)XXBXX
Pyle A or M Series
ZZW-(A or M)X-15XX
Superior Strength,
Corrosion Resistance up
to 204°C (399°F)
Stainless Steel
Military Class E
MS24265EXXTXX
Pyle R Series
ZZW-RX-15XX
Straight Plug
Bayonet Coupling
General Purpose,
Environmental Resistant
Aluminum
Military Class R or G
MS24266(R or G)XXBXX
Pyle A or M Series
ZZW-(A or M)X-10XX
Superior Strength,
Corrosion Resistance up
to 204°C (399°F)
Stainless Steel
Military Class E
MS24266EXXTXX
Pyle R Series
ZZW-RX-10XX


Numéro de pièce similaire - ZZL-4016-10P

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
ZZL39 TSC-ZZL39 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
ZZL39V TSC-ZZL39V Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - ZZL-4016-10P

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
MS3474W20-41P AMPHENOL-MS3474W20-41P Datasheet
1Mb / 20P
   AMPHENOL MIL-C-26482 SERIES 2 CONNECTORS
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
MIL-C-5015 AMPHENOL-MIL-C-5015 Datasheet
28Kb / 41P
   Amphenol MIL-C-5015 Connectors MS/DS Series Accessories Dimension
logo
Amphenol Aerospace Oper...
AMPHS12683-1 AAO-AMPHS12683-1 Datasheet
158Kb / 1P
   MIL-DTL-26500 Type – 48 Series
logo
Amphenol Corporation
MS3102E18-1S AMPHENOL-MS3102E18-1S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21P AMPHENOL-MS3102R28-21P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3101A24-10S AMPHENOL-MS3101A24-10S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 ahd MIL-5015 Type Standard Cylindrical Connectors
MS3102A14S-6S AMPHENOL-MS3102A14S-6S Datasheet
2Mb / 73P
   AMPHENOL MIL-DTL-5015 AND MIL-5015 TYPE STANDARD CYLINDRICAL CONNECTORS
MS3106E14S-2S AMPHENOL-MS3106E14S-2S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com