Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM93C66AV Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce FM93C66AV
Description  4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C66AV Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button FM93C66AV Datasheet HTML 5Page - Fairchild Semiconductor FM93C66AV Datasheet HTML 6Page - Fairchild Semiconductor FM93C66AV Datasheet HTML 7Page - Fairchild Semiconductor FM93C66AV Datasheet HTML 8Page - Fairchild Semiconductor FM93C66AV Datasheet HTML 9Page - Fairchild Semiconductor FM93C66AV Datasheet HTML 10Page - Fairchild Semiconductor FM93C66AV Datasheet HTML 11Page - Fairchild Semiconductor FM93C66AV Datasheet HTML 12Page - Fairchild Semiconductor FM93C66AV Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
www.fairchildsemi.com
FM93C66A Rev. B.1
Timing Diagrams (Continued)
Address
Bits(8/9)
CS
SK
DI
DO
High - Z
WRITE DISABLE CYCLE (WDS)
Start
Bit
Opcode
Bits(2)
1
0
0
A1
A0
tCS
93C66A (ORG=1;
A
n=A7):
Address bits pattern -> 0-0-x-x-x-x-x-x; (x -> Don ’ t Care, can be 0 or 1)
93C66A (ORG=0;
A
n=A8):
Address bits pattern -> 0-0-x-x-x-x-x-x-x; (x -> Don ’ t Care, can be 0 or 1)
A
n
A
n-1
Address
Bits(8/9)
Data
Bits(16/8)
CS
SK
DI
DO
High - Z
tCS
WRITE CYCLE (WRITE)
Star t
Bit
93C66A (ORG=1;
A
n=A7; Dn=D15):
Address bits patter n -> A7-A6-A5-A4-A3-A2-A1-A0; User defined
Data bits patter n
-> D15-to-D0; User defined
93C66A (ORG=0;
A
n=A8; Dn=D7):
Address bits patter n -> A8-A7-A6-A5-A4-A3-A2-A1-A0; User defined
Data bits patter n
-> D7-to-D0; User defined
Opcode
Bits(2)
1
0
1
A
n
A
n-1
A1
A0
D
n
D
n-1
D1
D0
Busy
Ready
tWP
Address
Bits(8/9)
Data
Bits(16/8)
CS
SK
DI
DO
High - Z
tCS
WRITE ALL CYCLE (WRALL)
Star t
Bit
Opcode
Bits(2)
1
0
0
A1
A0
D1
D0
Busy
Ready
tWP
93C66A (ORG=1;
A
n=A7; Dn=D15):
Address bits patter n -> 0-1-x-x-x-x-x-x; (x -> Don't Care, can be 0 or 1)
Data bits patter n
-> D15-to-D0; User defined
93C66A (ORG=0;
A
n=A8; Dn=D7):
Address bits patter n -> 0-1-x-x-x-x-x-x-x; (x -> Don't Care, can be 0 or 1)
Data bits patter n
-> D7-to-D0; User defined
A
n
A
n-1
D
n
D
n-1


Numéro de pièce similaire - FM93C66AV

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66E FAIRCHILD-FM93C66E Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66V FAIRCHILD-FM93C66V Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Description similaire - FM93C66AV

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46N FAIRCHILD-FM93C46N Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com