Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM75MM8X Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FM75MM8X
Description  Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM75MM8X Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FM75MM8X Datasheet HTML 1Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 2Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 3Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 4Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 5Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 6Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 7Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 8Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FM75
PRODUCT SPECIFICATION
4
REV. 1.0.5 10/2/03
Serial Port Timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
SCL Clock Period
tSCL
1.0
100
µs
SCL Clock Transition Time
tT:LH, tT:HL
300
ns
SCL Clock Low Period
tLOW
0.470
µs
SCL Clock High Period
tHIGH
0.400
50
µs
Bus free time between a Stop and
a new Start Condition
tBUF
1.0
µs
Data in Set-up to SCL High
tSU:DAT
100
ns
Data Out Stable after SCL Low
tHD:DAT
0ns
SCL Low Set-up to SDA Low
(Repeated Start Condition)
tSU:STA
100
ns
SCL High Hold after SDA Low
(Start Condition)
tHD:STA
100
ns
SDA High after SCL High
(Stop Condition
tSU:STO
100
ns
Time in which a FM75 must be
operational after a power-on reset
tPOR
500
ms
SDA
Data In
tHD:STA
tSCL
tSU:STO
tSU:DAT
tHD:DAT
SCL
SDA
Data Out
SCL
10%
10%
90%
tT:LH
tT:HL
tLOW
tHIGH
tBUF
tSU:STA
90%


Numéro de pièce similaire - FM75MM8X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM75M8X FAIRCHILD-FM75M8X Datasheet
359Kb / 16P
   Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
More results

Description similaire - FM75MM8X

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ATS75 ETC2-ATS75 Datasheet
249Kb / 16P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75_06 Datasheet
359Kb / 16P
   Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Seiko Instruments Inc
S5851A SII-S5851A Datasheet
569Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com