Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM3570 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FM3570
Description  CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM3570 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FM3570 Datasheet HTML 1Page - Fairchild Semiconductor FM3570 Datasheet HTML 2Page - Fairchild Semiconductor FM3570 Datasheet HTML 3Page - Fairchild Semiconductor FM3570 Datasheet HTML 4Page - Fairchild Semiconductor FM3570 Datasheet HTML 5Page - Fairchild Semiconductor FM3570 Datasheet HTML 6Page - Fairchild Semiconductor FM3570 Datasheet HTML 7Page - Fairchild Semiconductor FM3570 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
www.fairchildsemi.com
FM3570 Rev. A
SCL
1
20
VCC
SDA
2
19
ASEL
OVRD
3
18
WP
I0
4
17
Non_Mux_Out
I1
5
16
MUXSEL
I2
6
15
Y0
I3
7
14
Y1
I4
8
13
Y2
Level
9
12
Y3
GND
10
11
Y4
Ordering Code
FM
3570
XXXX
X
Blank
Tube
X
Tape & Reel
M20
20-Pin SO Package Option
MT20
20-Pin TSSOP Package Option
Order Number
Package Number
Package Description
FM3570MT20
MTC20
20-Pin TSSOP
FM3570MT20X
MTC20
20-Pin TSSOP T & R
FM3570M20
M20B
20 Pin SO
FM3570M20X
M20B
20 Pin SO T & R
For all other combinations, check with Fairchild Marketing/Sales
Pin Connection Diagram
20-Pin Packages
FM3570
Pin Description
Pin Name
Description
I [0:4]
Data Inputs w/Pullups (10K-40K)
Y [0:4]
Open-Drain Data Outputs
SCL
Serial Port Clock Input (120K pullup)
OVRD
Override Input. Sets all outputs to 0
WP
Write Protect Input
Non_mux_out
Non-Multiplexed Output
MUXSEL
Multiplexer Select Input
EPV
I Port Pull-up Resistor Voltage
ASEL
Address Select Input
SDA
Serial Port Data I/O (120K pull-up)


Numéro de pièce similaire - FM3570

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
FM350 RECTRON-FM350 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM350 FORMOSA-FM350 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM350 WINNERJOIN-FM350 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
Formosa MS
FM350-A FORMOSA-FM350-A Datasheet
69Kb / 2P
   Silicon epitaxial planer type
FM350-AL FORMOSA-FM350-AL Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Description similaire - FM3570

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM3565 FAIRCHILD-FM3565 Datasheet
84Kb / 7P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
logo
STMicroelectronics
M74HC298 STMICROELECTRONICS-M74HC298 Datasheet
253Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC298 STMICROELECTRONICS-M54HC298 Datasheet
248Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC354 STMICROELECTRONICS-M54HC354 Datasheet
264Kb / 12P
   8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Advanced Micro Devices
AM2922 AMD-AM2922 Datasheet
322Kb / 7P
   Eight Input multiplexer with Control Register
logo
ON Semiconductor
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com