Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMC-HMI Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce FMC-HMI
Description  FMC-HMI??Reference Manual
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

FMC-HMI Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  FMC-HMI Datasheet HTML 1Page - List of Unclassifed Manufacturers FMC-HMI Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F
FM
MC
C--H
HM
MII
R
Re
effe
erre
en
nc
ce
e M
Ma
an
nu
ua
all
Revision: September 19, 2012
Note: This document applies to REV B of the board.
1300 NE Henley Court, Suite 3
Pullman, WA 99163
(509) 334 6306 Voice | (509) 334 6300 Fax
Doc: 502-236
page 1 of 2
Copyright Digilent, Inc. All rights reserved. Other product and company names mentioned may be trademarks of their respective owners.
Overview
The FPGA Mezzanine Card-Human Machine
Interface (FMC-HMI) peripheral board enables
developers to add a human interface to field-
programmable gate array (FPGA) based
systems. The FMC-HMI provides a
development platform for customers to utilize
image capture, touch digitizer and graphical
user interface applications.
Functional Description
The FMC-HMI captures light with the Aptina
MT9D112 digital image sensor. This sensor
provides a maximum resolution of 1600x1200
at 15 frames per second FPS. The Aptina has
a 10-bit raw color depth, an I
2C control bus,
and can utilize Bayer, RGB, and YCrCb output
formats. This image sensor utilizes an
automatic exposure, gain, and white balance
with powerful image correction algorithms,
image scaling, and a FIFO output.
Aptina MT9D112
The Aptina MT9D112 is a small (8.5mm x
8.5mm x 5mm) integrated System-on-Chip
(SoC) assembly that includes a 2Mp
complementary metal–oxide–semiconductor
(CMOS) sensor array, a fixed-focus lens with a
3.81mm equivalent focal length, and an image
processor. The sensor assembly comes taped
to the board and connects through a 23-pin
flexible printed circuit (FPC) cable.
Users can control the image processor via a
standard two-wire interface. The FMC-HMI
transfers image data via an 8-bit pixel bus with
additional synchronization signals.
Note: Operators that desire more information
on the Aptina MT9D112 should consult the
Features Include
 Aptina MT9D112 fixed-focus, 2Mp CMOS
digital image sensor
 ADI SSM2603 audio codec with 3.5mm line
in, microphone in, line out and headphone
out jacks
 Shanghai Tianma TM050RBH01 5”
800x480 TFT LCD with integrated 4-wire
touch panel
 Male FMC LPC connector for digital signals
 AMS header for analog signals
 12-pin female Pmod header
 Piezoelectric buzzer
 Compatible with wide range of VADJ
voltages (1.8V-3.3V)
Aptina Imaging product information sheets at:
http://www.aptina.com/products/soc/mt9d112d
00stc/
Or consult the Digilent Inc. VmodCAM product
reference manual at:
http://digilentinc.com/Data/Products/VMOD-
CAM/VmodCAM_rm.pdf
ADI SSM2603
The FMC-HMI features an Analog Devices Inc.
SSM2603 Low Power Audio Codec that


Numéro de pièce similaire - FMC-HMI

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
FMC-26U SANKEN-FMC-26U Datasheet
23Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
List of Unclassifed Man...
FMC-26U ETC1-FMC-26U Datasheet
95Kb / 3P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Sanken electric
FMC-26UA SANKEN-FMC-26UA Datasheet
23Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMC-28U SANKEN-FMC-28U Datasheet
23Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMC-28UA SANKEN-FMC-28UA Datasheet
23Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
More results

Description similaire - FMC-HMI

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
   Reference Manual
Rev. 1.4 18 June 2019
logo
Freescale Semiconductor...
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
   Reference Manual
MPC563MZP66 FREESCALE-MPC563MZP66 Datasheet
10Mb / 1420P
   Reference Manual
MC9S12C FREESCALE-MC9S12C_10 Datasheet
3Mb / 690P
   Reference Manual
MC9S12XS256RMV1 FREESCALE-MC9S12XS256RMV1 Datasheet
9Mb / 738P
   Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Freescale Semiconductor...
MC9S12P64VLHR FREESCALE-MC9S12P64VLHR Datasheet
7Mb / 566P
   MC9S12P128 Reference Manual
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com