Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25C040 Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce FM25C040
Description  4K-Bit SPI??Interface Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM25C040 Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button FM25C040 Datasheet HTML 3Page - Fairchild Semiconductor FM25C040 Datasheet HTML 4Page - Fairchild Semiconductor FM25C040 Datasheet HTML 5Page - Fairchild Semiconductor FM25C040 Datasheet HTML 6Page - Fairchild Semiconductor FM25C040 Datasheet HTML 7Page - Fairchild Semiconductor FM25C040 Datasheet HTML 8Page - Fairchild Semiconductor FM25C040 Datasheet HTML 9Page - Fairchild Semiconductor FM25C040 Datasheet HTML 10Page - Fairchild Semiconductor FM25C040 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
www.fairchildsemi.com
FM25C040U Rev. B
The FM25C040U is also capable of a 4 byte PAGE WRITE
operation. Page write is performed similar to byte write operation
described above. During a Page write operation, after the first byte
of data, additional bytes (up to 3 bytes) can be input, before
bringing the /CS pin high to start the programming. After receipt of
each byte of data, the EEPROM internally increments the two low
order address bits (A1-A0) by one. The high order address bits
(A8-A2) will remain constant. If the master should transmit more
than 4 bytes of data, the address counter (A1-A0) will “roll over”
and the previously loaded data will be reloaded. See
Figure 11.
FIGURE 11. Page Write
/CS
SI
SO
Write
Op-Code
Byte
Addr
Data
(1)
Data
(2)
Data
(3)
Data
(4)
/CS
SI
SO
WRSR
Op-Code
SR Data
xxxxBP1BP0xx
FIGURE 12. Write Status Register
BP0
SCK
SI
SO
/CS
/CS
SI
SO
INVALID CODE
At the completion of a write cycle the EEPROM is automatically
returned to the write disabled state. Note that if the EEPROM is not
write enabled (WEN=0) before issuing the WRITE instruction, the
EEPROM will ignore the WRITE instruction and return to the
standby state when /CS is brought high.
WRITE STATUS REGISTER (WRSR):
The Write Status Register (WRSR) instruction provides write
access to the status register. This instruction is used to set Block
Write protection to a portion of the array as defined under Table
4. During a WRSR instruction only Bit3 (BP1) and Bit2 (BP0) can
be written with valid information while other bits are ignored.
Following is the format of WRSR data:
Status Register Write Data
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
7
6
54
32
1
0
X
X
X
X
BP1
BP0
X
X
X = Don’t Care
Note that the first four bits are don’t care bits followed by BP1 and
BP0 and two more don’t care bits.
WRSR instruction is enabled only when /WP pin is held high and
the EEPROM is write enabled previously (via WREN instruction).
WRSR command requires the following sequence. The /CS pin is
pulled low to select the EEPROM and then the WRSR opcode is
transmitted on the SI pin followed by the data to be programmed.
See
Figure 12.
Programming will start after the /CS pin is forced back to a high
level. As in the WRITE instruction the LOW to HIGH transition of
the /CS pin must occur during the SCK low time immediately after
clocking in the last don’t care bit. See
Figure 13.
FIGURE 13. Start WRSR Condition
At the completion of this instruction the EEPROM is automatically
returned to write disabled state.
INVALID OPCODE
If an invalid code is received, then no data is shifted into the
EEPROM, and the SO data output pin remains high impedance
state until a new /CS falling edge reinitializes the serial communi-
cation. See
Figure 14.
FIGURE 14. Invalid Op-Code


Numéro de pièce similaire - FM25C040

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM25C041 FAIRCHILD-FM25C041 Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041UE FAIRCHILD-FM25C041UE Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041UV FAIRCHILD-FM25C041UV Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
More results

Description similaire - FM25C040

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com