Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25C041UE Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FM25C041UE
Description  4K-Bit SPI??Interface Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM25C041UE Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FM25C041UE Datasheet HTML 3Page - Fairchild Semiconductor FM25C041UE Datasheet HTML 4Page - Fairchild Semiconductor FM25C041UE Datasheet HTML 5Page - Fairchild Semiconductor FM25C041UE Datasheet HTML 6Page - Fairchild Semiconductor FM25C041UE Datasheet HTML 7Page - Fairchild Semiconductor FM25C041UE Datasheet HTML 8Page - Fairchild Semiconductor FM25C041UE Datasheet HTML 9Page - Fairchild Semiconductor FM25C041UE Datasheet HTML 10Page - Fairchild Semiconductor FM25C041UE Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.fairchildsemi.com
FM25C041U Rev. B
The RDSR command requires the following sequence. The /CS
pin is pulled low to select the EEPROM and then the RDSR
opcode is transmitted on the SI pin. After this is done, data on the
SI pin becomes don’t care. The data from the Status Register is
then shifted out on the SO pin starting with D7 bit first and D0 last.
See
Figure 6.
FIGURE 6. Read Status Register
TABLE 4. Block Write Protection Levels
Level
Status Register Bits
Array
Address
BP1
BP0
Protected
0
0
0
None
1
0
1
180-1FF
2
1
0
100-1FF
3
1
1
000-1FF
A WRITE command requires the following sequence. The /CS pin
is pulled low to select the EEPROM, then the WRITE opcode is
transmitted on the SI pin followed by the byte address (A7-A0) and
followed by the data (D7-D0) to be written. See
Figure 9.
FIGURE 9. Byte Write
/CS
SI
SO
RDSR
OP-CODE
RDSR DATA
WRITE ENABLE (WREN):
When V
CC is applied to the EEPROM, it “powers up” in a write-
disabled state. Therefore, all programming modes (Write to memory
array and Status register), must be preceded by a WRITE EN-
ABLE (WREN) instruction. See
Figure 7.
FIGURE 7. Write Enable
/CS
SI
SO
WREN Op-Code
WRITE DISABLE (WRDI):
Executing this instruction disables all programming modes (Write
to memory array and Status register), preventing the EEPROM
from accidental writes.
Once WRDI instruction is executed,
WREN instruction should be executed to re-enable all program-
ming modes. See
Figure 8.
FIGURE 8. Write Disable
/CS
SI
SO
WRDI Op-Code
WRITE SEQUENCE (WRITE):
Write to the array is enabled only when /WP pin is held high and
the EEPROM is write enabled previously (via WREN instruction).
Also, the address of the memory location(s) to be programmed
must be outside the protected address field selected by the Block
Write Protection Level. See Table 4.
/CS
SI
SO
Write
Op-Code
Byte
Addr
Data
High Z
Internally, the programming will start after the /CS pin is brought
back to a high level. Note that the LOW to HIGH transition of the
/CS pin must occur during the SCK low time immediately after
clocking in the D0 data bit. See
Figure 10.
FIGURE 10. Start of Programming
SCK
SI
SO
/CS
D0
D1
D2
High Z
Start of internal
programming
Programming status (Busy/Ready) of the EEPROM can be deter-
mined by executing a READ STATUS REGISTER (RDSR) in-
struction after a write command. Upon executing the RDSR
instruction, if Bit 0 of the RDSR data is “1”, it indicates the WRITE
cycle is still in progress. If it is “0” then the WRITE cycle has ended.
Note that while the internal programming is still in progress (Bit 0
= 1), only the RDSR instruction is enabled. It is recommended that
no other instruction be issued till the internal programming is
complete.


Numéro de pièce similaire - FM25C041UE

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM25C040 FAIRCHILD-FM25C040 Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040UE FAIRCHILD-FM25C040UE Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040UV FAIRCHILD-FM25C040UV Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
More results

Description similaire - FM25C041UE

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com