Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2848 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce UC2848
Description  Average Current Mode PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2848 Fiches technique(HTML) 3 Page - Texas Instruments

  UC2848 Datasheet HTML 1Page - Texas Instruments UC2848 Datasheet HTML 2Page - Texas Instruments UC2848 Datasheet HTML 3Page - Texas Instruments UC2848 Datasheet HTML 4Page - Texas Instruments UC2848 Datasheet HTML 5Page - Texas Instruments UC2848 Datasheet HTML 6Page - Texas Instruments UC2848 Datasheet HTML 7Page - Texas Instruments UC2848 Datasheet HTML 8Page - Texas Instruments UC2848 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
UC1848
UC2848
UC3848
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, all specifications are over the junction temperature range
of
−55°C to +125°C for the UC1848, −40°C to +85°C for the UC2848, and 0°C to +70°C for the UC3848. Test conditions are: VCC
= 12V, CT = 400pF, CI = 100pF, IOFF = 100
µA, CDC = 100nF, Cvs = 100pF, and Ivs = 400µA, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Real Time Current Waveform Synthesizer
Ion Amplifier
Offset Voltage
0.95
1
1.05
V
Slew Rate (Note 1)
20
25
V/
µs
lib
-2
-20
µA
IOFF Current Mirror
Input Voltage
0.95
1
1.05
V
Current Gain
0.9
1
1.1
A/A
Current Error Amplifier
AVOL
60
100
dB
Vio
12V
≤ VCC
20V, 0V
VCM
5V
10
mV
lib
-0.5
-3
µA
Voh
IO =
−200µA
3
3.3
V
Vol
IO = 200
µA
0.3
0.6
V
Source Current
VO = 1V
1.4
1.6
2.0
mA
GBW Product
f = 200kHz
5
8
MHz
Slew Rate (Note 1)
810
V/
µs
Oscillator
Frequency
TA = 25°C
240
250
260
kHz
235
265
kHz
Ramp Amplitude
1.5
1.65
1.8
V
Duty Cycle Clamp
Max Duty Cycle
V(DMAX) = 0.75
• VREF
73.5
76.5
79.5
%
Volt Second Clamp
Max On Time
900
1100
ns
VCC Comparator
Turn-on Threshold
13
14
V
Turn-off Threshold
910
V
Hysteresis
2.5
3
3.5
V


Numéro de pièce similaire - UC2848

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2848 TI-UC2848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC2848 TI1-UC2848 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC2848J TI1-UC2848J Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
More results

Description similaire - UC2848

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC1886 TI-UC1886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com