Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2848 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce UC2848
Description  Average Current Mode PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2848 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button UC2848 Datasheet HTML 4Page - Texas Instruments UC2848 Datasheet HTML 5Page - Texas Instruments UC2848 Datasheet HTML 6Page - Texas Instruments UC2848 Datasheet HTML 7Page - Texas Instruments UC2848 Datasheet HTML 8Page - Texas Instruments UC2848 Datasheet HTML 9Page - Texas Instruments UC2848 Datasheet HTML 10Page - Texas Instruments UC2848 Datasheet HTML 11Page - Texas Instruments UC2848 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
UC1848
UC2848
UC3848
UDG-93012-1
UDG-93013-1
Maximum Volt-Second Circuit
A maximum volt-second product can be programmed by
a resistor (Rvs) from VS to VIN and a capacitor (Cvs)
from VS to ground (Figure 7). VS is discharged while the
switch is off. When the output turns on, VS is allowed to
charge. Since the threshold of the VS comparator is
much less than VIN, the charging profile at Vs will be es-
sentially linear. If VS crosses the 4.0V threshold before
the PWM turns the output off, the VS comparator will turn
the output off for the remainder of the cycle. The maxi-
mum volt-second product is
VIN
• TON(max) = 4.0V • Rvs • Cvs.
Maximum Duty Cycle And Soft Start
A patented technique is used to accurately program max-
imum duty cycle. Programming is accomplished by a di-
vider
from
VREF
to
DMAX
(Fig. 7). The
value
programmed is:
D(max) = Rd1 / (Rd1 + Rd2).
For proper operation, the integrating capacitor, CDC,
should be larger than CDC(min) >T(osc) / 80k, where
T(osc) is the oscillator period. CDC also sets the soft start
time constant, so values of CDC larger than minimum may
be desired. The soft start time constant is approximately:
T(ss) = 20k
• CDC.
Ground Planes
The output driver on the UC3848 is capable of 2A peak
currents. Careful layout is essential for correct operation
of the chip. A ground plane must be employed (Fig. 8). A
unique section of the ground plane must be designated
for high di/dt currents associated with the output stage.
This point is the power ground to which to PGND pin is
connected. Power ground can be separated from the rest
of the ground plane and connected at a single point, al-
though this is not strictly necessary if the high di/dt paths
are well understood and accounted for. VCC should be
bypassed directly to power ground with a good high fre-
quency capacitor. The sources of the power MOSFET
should connect to power ground as should the return
connection for input power to the system and the bulk in-
put capacitor. The output should be clamped with a high
current Schottky diode to both VCC and PGND. Nothing
else should be connected to power ground.
VREF should be bypassed directly to the signal portion
of the ground plane with a good high frequency capacitor.
Low esr/esl ceramic 1 F capacitors are recommended
for both VCC and VREF. The capacitors from CT, CDC,
and CI should likewise be connected to the signal ground
plane.
APPLICATION INFORMATION (cont.)


Numéro de pièce similaire - UC2848

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2848 TI-UC2848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC2848 TI1-UC2848 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC2848J TI1-UC2848J Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
More results

Description similaire - UC2848

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC1886 TI-UC1886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com