Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1848 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce UC1848
Description  Average Current Mode PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC1848 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button UC1848 Datasheet HTML 3Page - Texas Instruments UC1848 Datasheet HTML 4Page - Texas Instruments UC1848 Datasheet HTML 5Page - Texas Instruments UC1848 Datasheet HTML 6Page - Texas Instruments UC1848 Datasheet HTML 7Page - Texas Instruments UC1848 Datasheet HTML 8Page - Texas Instruments UC1848 Datasheet HTML 9Page - Texas Instruments UC1848 Datasheet HTML 10Page - Texas Instruments UC1848 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
UC1848
UC2848
UC3848
If the system is not sensitive to short circuit requirements,
Figure 5 shows the simplest method of downslope gener-
ation: a single resistor (ROFF = 40k) from IOFF to VREF.
The discharge current is then 100
µA. The disadvantage
to this approach is that the synthesizer continues to gen-
erate a down slope when the switch is off even during
short circuit conditions. Actual inductor down slope is
closer to zero during a short circuit. The penalty is that
the average current is understated by an amount approxi-
mately equal to the nominal inductor ripple current. Out-
put short circuit is therefore higher than the designed
maximum output current.
A third method of generating IOFF is to add a second
winding to the output inductor core (Fig. 6). When the
power switch is off and inductor current flows in the free
wheeling diode, the voltage across the inductor is equal
to the output voltage plus the diode drop. This voltage is
then transformed by the second winding to the primary
side of the converter. The advantages to this approach
are its inherent accuracy and bandwidth. Winding the
second coil on the output inductor core while maintaining
the required isolation makes this a more costly solution.
In the example, ROFF = VO / 100µA. The 4 • ROFF re-
sistor is added to compensate the one volt input level of
the IOFF pin. Without this compensation, a minor current
foldback behavior will be observed.
APPLICATION INFORMATION (cont.)
UDG-93010
UDG-93011
UDG-93009


Numéro de pièce similaire - UC1848

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848J TI1-UC1848J Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
More results

Description similaire - UC1848

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC1886 TI-UC1886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com