Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FJV4102R Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FJV4102R
Description  PNP Epitaxial Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJV4102R Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FJV4102R Datasheet HTML 1Page - Fairchild Semiconductor FJV4102R Datasheet HTML 2Page - Fairchild Semiconductor FJV4102R Datasheet HTML 3Page - Fairchild Semiconductor FJV4102R Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, July 2002
Typical Characteristics
Figure 1. DC current Gain
Figure 3. Input Off Voltage
Figure 2. Input On Voltage
Figure 4. Power Derating
-1
-10
-100
-1000
10
100
1000
VCE = - 5V
R1 = 10 K
R2 = 10 K
IC[mA], COLLECTOR CURRENT
-0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4
-10
-100
-1000
V
CE
= - 5V
R
1
= 10 K
R
2
= 10 K
V
I(off)[V], INPUT OFF VOLTAGE
-0.1
-1
-10
-100
-0.1
-1
-10
-100
VCE = - 0.3V
R1 = 10 K
R2 = 10 K
IC[mA], COLLECTOR CURRENT
025
50
75
100
125
150
175
0
40
80
120
160
200
240
280
Ta[
o
C], AMBIENT TEMPERATURE


Numéro de pièce similaire - FJV4102R

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FJV4101R FAIRCHILD-FJV4101R Datasheet
55Kb / 4P
   PNP Epitaxial Silicon Transistor
FJV4103R FAIRCHILD-FJV4103R Datasheet
56Kb / 4P
   PNP Epitaxial Silicon Transistor
FJV4103R FAIRCHILD-FJV4103R Datasheet
61Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
FJV4103RMTF FAIRCHILD-FJV4103RMTF Datasheet
61Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
FJV4104 FAIRCHILD-FJV4104 Datasheet
89Kb / 4P
   PNP Epitaxial Silicon Transistor
More results

Description similaire - FJV4102R

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com