Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-HM64-Y30XX Fiches technique(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-HM64-Y30XX
Description  Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM64-Y30XX Fiches technique(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HM64-Y30XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Intensity Bin Limit Table (1.2: 1 Iv Bin Ratio)
Bin
Intensity (mcd) at 20 mA
Min
Max
Q
460
550
R
550
660
S
660
800
T
800
960
U
960
1150
V
1150
1380
W
1380
1660
X
1660
1990
Y
1990
2400
Z
2400
2900
1
2900
3500
2
3500
4200
3
4200
5040
Tolerance for each bin limit is ± 15%
VF Bin Table (V at 20mA)
Bin ID
Min
Max
VD
1.8
2.0
VA
2.0
2.2
VB
2.2
2.4
Notes:
1. Tolerance for each bin limit is ±0.05V
2. VF binning only applicable to Red color.
Red Color Range
Min
Dom
Max
Dom
Xmin
Ymin
Xmax
Ymax
618
630
0.6872
0.3126
0.6890
0.2943
0.6690
0.3149
0.7080
0.2920
Tolerance for each bin limit is ± 0.5nm
Green Color Bin Table
Bin
Min
Dom
Max
Dom
Xmin
Ymin
Xmax
Ymax
1
520.0
524.0
0.0743
0.8338
0.1856
0.6556
0.1650
0.6586
0.1060
0.8292
2
524.0
528.0
0.1060
0.8292
0.2068
0.6463
0.1856
0.6556
0.1387
0.8148
3
528.0
532.0
0.1387
0.8148
0.2273
0.6344
0.2068
0.6463
0.1702
0.7965
4
532.0
536.0
0.1702
0.7965
0.2469
0.6213
0.2273
0.6344
0.2003
0.7764
5
536.0
540.0
0.2003
0.7764
0.2659
0.6070
0.2469
0.6213
0.2296
0.7543
Tolerance for each bin limit is ± 0.5nm.
Blue Color Bin Table
Bin
Min
Dom
Max
Dom
Xmin
Ymin
Xmax
Ymax
1
460.0
464.0
0.1440
0.0297
0.1766
0.0966
0.1818
0.0904
0.1374
0.0374
2
464.0
468.0
0.1374
0.0374
0.1699
0.1062
0.1766
0.0966
0.1291
0.0495
3
468.0
472.0
0.1291
0.0495
0.1616
0.1209
0.1699
0.1062
0.1187
0.0671
4
472.0
476.0
0.1187
0.0671
0.1517
0.1423
0.1616
0.1209
0.1063
0.0945
5
476.0
480.0
0.1063
0.0945
0.1397
0.1728
0.1517
0.1423
0.0913
0.1327
Tolerance for each bin limit is ± 0.5nm
Note:
1. All bin categories are established for classification of products.
Products may not be available in all bin categories. Please contact
your Avago representative for further information.


Numéro de pièce similaire - HLMP-HM64-Y30XX

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HM61 AVAGO-HLMP-HM61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HM61-Y30ZZ AVAGO-HLMP-HM61-Y30ZZ Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HM63 AVAGO-HLMP-HM63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HM63-Y30XX AVAGO-HLMP-HM63-Y30XX Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HM65 AVAGO-HLMP-HM65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results

Description similaire - HLMP-HM64-Y30XX

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
   Precision Optical Performance Red New 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com