Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-0453 Fiches technique(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-0453
Description  Single Channel, High Speed Optocouplers TTL compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0453 Fiches technique(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0453 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Absolute Maximum Ratings
Parameter
Symbol
Device
Min.
Max.
Units
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
8-Pin DIP
-55
100
°C
SO-8
Widebody
-55
85
Average Forward Input Current
I
F(AVG)
25
mA
1
Peak Forward Input Current
I
F(PEAK)
8-Pin DIP
2
(50% duty cycle, 1 ms pulse width)
SO-8
50
mA
(50% duty cycle, 1 ms pulse width)
Widebody
40
Peak Transient Input Current
I
F(TRANS)
8-Pin DIP
1
A
(≤1 µs pulse width, 300 pps)
SO-8
Widebody
0.1
Reverse LED Input Voltage (Pin 3-2)
V
R
8-Pin DIP
5
V
SO-8
Widebody
3
Input Power Dissipation
P
IN
8-Pin DIP
45
mW
3
SO-8
Widebody
40
Average Output Current (Pin 6)
I
O(AVG)
8
mA
Peak Output Current
I
O(PEAK)
16
mA
Emitter-Base Reverse Voltage
V
EBR
5
V
(Pin 5-7, except 4502/3, 0452/3)
Supply Voltage (Pin 8-5)
V
CC
-0.5
30
V
Output Voltage (Pin 6-5)
V
O
-0.5
20
V
Base Current (Pin 7, except 4502/3, 0452/3)
I
B
5
mA
Output Power Dissipation
P
O
100
mW
4
Lead Solder Temperature
(Through-Hole Parts Only)
1.6 mm below seating plane, 10 seconds
T
LS
8-Pin DIP
260
°C
up to seating plane, 10 seconds
Widebody
260
°C
Reflow Temperature Profile
T
RP
SO-8 and
Option 300
See Package Outline Drawings
section


Numéro de pièce similaire - HCPL-0453

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-0453 HP-HCPL-0453 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
HCPL-0453 HP-HCPL-0453 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0453 AVAGO-HCPL-0453 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
HCPL-0453-000E AVAGO-HCPL-0453-000E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-0453-020 HP-HCPL-0453-020 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Description similaire - HCPL-0453

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com