Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-7721 Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-7721
Description  40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7721 Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-7721 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
* Pin 3 is the anode of the internal LED and must be left unconnected
for guaranteed data sheet performance. Pin 7 is not connected
internally.
** A 0.1
µF bypass capacitor must be connected between pins 1 and
4, and 5 and 8.
Features
• +5 V CMOS compatibility
• 20 ns maximum prop. delay skew
• High speed: 25 MBd
• 40 ns max. prop. delay
• 10 kV/µs minimum common mode rejection
• –40 to 85°C temperature range
• Safety and regulatory approvals
UL recognized
– 3750 Vrms for 1 min. per UL 1577
– 5000 Vrms for 1 min. per UL 1577
(for HCPL-772X option 020)
CSA component acceptance notice #5
IEC/EN/DIN EN 60747-5-5
– VIORM = 630 Vpeak for HCPL-772X option 060
– VIORM = 567 Vpeak for HCPL-072X option 060
Applications
• Digital fieldbus isolation: CC-Link, DeviceNet, Profi-
bus, SDS
• AC plasma display panel level shifting
• Multiplexed data transmission
• Computer peripheral interface
• Microprocessor system interface
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
HCPL-0720, HCPL-7720, HCPL-0721 and HCPL-7721
40 ns Propagation Delay, CMOS Optocoupler
Data Sheet
TRUTH TABLE
POSITIVE LOGIC
VI
LED1
Vo OUTPUT
H
OFF
H
L
ON
L
8
7
6
1
3
SHIELD
5
2
4
**VDD1
VI
*
GND1
VDD2**
VO
GND2
VI, INPUT
LED1
H
L
OFF
ON
TRUTH TABLE
(POSITIVE LOGIC)
NC*
IO
LED1
VO, OUTPUT
H
L
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
Description
Available in either an 8-pin DIP or SO-8 package style
respectively, the HCPL-772X or HCPL-072X optocouplers
utilize the latest CMOS IC technology to achieve out-
standing performance with very low power consump-
tion. The HCPL-772X/072X require only two bypass ca-
pacitors for complete CMOS compatability.
Basic building blocks of the HCPL-772X/072X are a CMOS
LED driver IC, a high speed LED and a CMOS detector
IC. A CMOS logic input signal controls the LED driver IC
which supplies current to the LED. The detector IC incor-
porates an integrated photodiode, a high-speed tran-
simpedance amplifier, and a voltage comparator with an
output driver.
Functional Diagram


Numéro de pièce similaire - HCPL-7721

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-7721 HP-HCPL-7721 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-7721 BOARDCOM-HCPL-7721 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
HCPL-7721 BOARDCOM-HCPL-7721 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
More results

Description similaire - HCPL-7721

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
HCPL-0723-000E AVAGO-HCPL-0723-000E Datasheet
196Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com