Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-0930 Fiches technique(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-0930
Description  High Speed Digital Isolators 15 ns max. propagation delay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0930 Fiches technique(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0930 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Mixed 5V/3.3V or 3.3V/5V operation: Electrical Specifications
Test conditions that are not specified can be anywhere within the recommended operating range.
All typical specifications are at T
A=+25°C, VDD1 = +5.0 V, VDD2 = +3.3V.
Parameter
Symbol
Min.
Typ.
Max.
Units Test Conditions
HCPL-9000/-0900
I
DD1
0.012
0.018
HCPL-9030/-0930
0.012
0.018
HCPL-9031/-0931
2.5
3.0
HCPL-900J/-090J
0.024
0.036
HCPL-901J/-091J
5.0
6.0
HCPL-902J/-092J
2.5
3.0
Quiescent Supply Current 2
I
DD2
mA
V
IN = 0V
HCPL-9000/-0900
5.0
6.0
HCPL-9030/-0930
5.0
6.0
HCPL-9031/-0931
2.5
3.0
HCPL-900J/-090J
8.0
12.0
HCPL-901J/-091J
5.0
6.0
HCPL-902J/-092J
6.0
9.0
Logic Input Current
I
IN
-10
10
µA
Logic High Output Voltage
V
OH
V
DD2– 0.1
V
DD2
V
I
OUT= -20 µA, VIN=VIH
0.8*V
DD2
V
DD2 – 0.5
V
I
OUT= -4 mA, VIN=VIH
Logic Low Output Voltage
V
OL
0
0.1
V
I
OUT= 20 µA, VIN=VIL
0.5
0.8
V
I
OUT= 4 mA, VIN=VIL
Switching Specifications
Maximum Data Rate
100
110
MBd
C
L = 15 pF
Clock Frequency
fmax
50
MHz
Propagation Delay Time to Logic
t
PHL
12
18
ns
Low Output
Propagation Delay Time to Logic
t
PLH
12
18
ns
High Output
Pulse Width
t
PW
10
ns
Pulse Width Distortion[1]
|PWD|
2
3
ns
|t
PHL – tPLH|
Propagation Delay Skew[2]
t
PSK
4
6
ns
Output Rise Time (10 – 90%)
t
R
2
4
ns
Output Fall Time (10 – 90%)
t
F
2
4
ns
Propagation Delay Enable to Output (Single Channel)
High to High Impedance
t
PHZ
3
5
ns
Low to High Impedance
t
PLZ
3
5
ns
High Impedance to High
t
PZH
3
5
ns
High Impedance to Low
t
PZL
3
5
ns
Channel-to-Channel Skew
t
CSK
2
3
ns
(Dual and Quad Channels)
Common Mode Transient Immunity |CM
H|
15
18
kV/µs V
cm = 1000V
(Output Logic High or Logic Low)[3] |CM
L|
Notes:
1. PWD is defined as |t
PHL -tPLH|. %PWD is equal to the PWD divided by the pulse width.
2. t
PSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at 25°C.
3. CM
H is the maximum common mode voltage slew rate that can be sustained while maintaining VOUT > 0.8VDD2. CML is the maximum common mode
input voltage that can be sustained while maintaining V
OUT < 0.8 V. The common mode voltage slew rates apply to both rising and falling common mode
voltage edges.
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, Avago recommends that all integrated circuits
be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance degradation to
complete failure.


Numéro de pièce similaire - HCPL-0930

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-0930 HP-HCPL-0930 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-0930-500 AVAGO-HCPL-0930-500 Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-0930-500E AVAGO-HCPL-0930-500E Datasheet
319Kb / 14P
   High Speed Digital Isolators
More results

Description similaire - HCPL-0930

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Fairchild Semiconductor
MM74HC573WM FAIRCHILD-MM74HC573WM Datasheet
104Kb / 8P
   Typical propagation delay: 18 ns
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com