Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT1G14GW Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74AHCT1G14GW
Description  Inverting Schmitt trigger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT1G14GW Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74AHCT1G14GW Datasheet HTML 2Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74AHC_AHCT1G14_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 18 May 2009
6 of 15
NXP Semiconductors
74AHC1G14; 74AHCT1G14
Inverting Schmitt trigger
12. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
[2]
Typical values are measured at VCC = 3.3 V.
[3]
Typical values are measured at VCC = 5.0 V.
[4]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
Table 9.
Dynamic characteristics
GND = 0 V; tr = tf ≤ 3.0 ns. For waveform see Figure 5. For test circuit see Figure 6.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
For type 74AHC1G14
tpd
propagation
delay
A to Y;
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
4.2
12.8
1.0
15.0
1.0
16.5
ns
CL = 50 pF
-
6.0
16.3
1.0
18.5
1.0
20.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.2
8.6
1.0
10.0
1.0
11.0
ns
CL = 50 pF
-
4.6
10.6
1.0
12.0
1.0
13.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL =50pF;f=1 MHz;
VI = GND to VCC
[4]
-12-
-
-
-
-
pF
For type 74AHCT1G14
tpd
propagation
delay
A to Y;
VCC = 4.5 V to 5.5 V
[1]
[3]
CL = 15 pF
-
4.1
7.0
1.0
8.0
1.0
9.0
ns
CL = 50 pF
-
5.9
8.5
1.0
10.0
1.0
11.0
ns
CPD
power
dissipation
capacitance
per buffer;
VI = GND to VCC
[4]
-13-
-
-
-
-
pF


Numéro de pièce similaire - 74AHCT1G14GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT1G14GW PHILIPS-74AHCT1G14GW Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHCT1G14GW NXP-74AHCT1G14GW Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHCT1G14GW NEXPERIA-74AHCT1G14GW Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
74AHCT1G14GW-Q100 NEXPERIA-74AHCT1G14GW-Q100 Datasheet
802Kb / 17P
   Inverting Schmitt trigger
74AHCT1G14GW-Q100 NEXPERIA-74AHCT1G14GW-Q100 Datasheet
259Kb / 14P
   Inverting Schmitt trigger
Rev. 4 - 12 January 2022
More results

Description similaire - 74AHCT1G14GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com