Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51116PWPRG4 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51116PWPRG4
Description  COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116PWPRG4 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS51116PWPRG4 Datasheet HTML 1Page - Texas Instruments TPS51116PWPRG4 Datasheet HTML 2Page - Texas Instruments TPS51116PWPRG4 Datasheet HTML 3Page - Texas Instruments TPS51116PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS51116PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS51116PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS51116PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS51116PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS51116PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
S5
PGOOD
VREF
0.9 V
10 mA
VTT
0.9 V
2 A
TPS51116RGE
20
19
18
17
VBST
DRVH
LL
DRVL
V5FILT
VLDOIN
VTTGND
VTTSNS
7
8
VTT
CS_GND
9
10
VDDQSET
CS
VDDQSNS
16
15
14
13
PGOOD
12
11
S5
S3
GND
MODE
VTTREF
COMP
NC
NC
V5IN
PGND
22
21
24
23
1
2
3
4
5
6
C1
5V_IN
VDDQ
1.8 V
10 A
VIN
M1
M2
S3
L1
IRF7832
IRF7821
C4
C3
Ceramic
2y10 µF
Ceramic
0.033
µF
Ceramic
0.1
µF
1
µH
C6
SP−CAP
2y150 µF
C5
Ceramic
2y10 µF
C2
Ceramic
1
µF
C7
Ceramic
1
µF
R2
100 k
R1
5.1 k
R3
5.1
UDG−04153
TPS51116
www.ti.com................................................................................................................................................................ SLUS609H – MAY 2004 – REVISED JULY 2009
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION
SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
2
• Synchronous Buck Controller (VDDQ)
Wide-Input Voltage Range: 3.0-V to 28-V
The TPS51116 provides a complete power supply for
DDR/SSTL-2, DDR2/SSTL-18, and DDR3 memory
D
−CAP™ Mode with 100-ns Load Step
systems. It integrates a synchronous buck controller
Response
with a 3-A sink/source tracking linear regulator and
Current Mode Option Supports Ceramic
buffered low noise reference. The TPS51116 offers
Output Capacitors
the lowest total solution cost in systems where space
is
at
a
premium.
The
TPS51116
synchronous
Supports Soft-Off in S4/S5 States
controller
runs
fixed
400kHz
pseudo-constant
Current Sensing from RDS(on) or Resistor
frequency PWM with an adaptive on-time control that
2.5-V (DDR), 1.8-V (DDR2), Adjustable to
can be configured in D-CAP™ Mode for ease of use
1.5-V (DDR3) or Output Range 0.75-V to
and fastest transient response or in current mode to
3.0-V
support
ceramic
output
capacitors.
The
3-A
sink/source LDO maintains fast transient response
Equipped with Powergood, Overvoltage
only requiring 20-
µF (2 × 10 µF) of ceramic output
Protection and Undervoltage Protection
capacitance. In addition, the LDO supply input is
• 3-A LDO (VTT), Buffered Reference (VREF)
available externally to significantly reduce the total
Capable to Sink and Source 3 A
power losses. The TPS51116 supports all of the
sleep state controls placing VTT at high-Z in S3
LDO Input Available to Optimize Power
(suspend to RAM) and discharging VDDQ, VTT and
Losses
VTTREF (soft-off) in S4/S5
(suspend
to
disk).
Requires only 20-
µF Ceramic Output
TPS51116 has all of the protection features including
Capacitor
thermal shutdown and is offered in both a 20-pin
HTSSOP PowerPAD™ package and 24-pin 4
״
QFN.
Buffered Low Noise 10-mA VREF Output
Accuracy 20 mV for both VREF and VTT
Supports High-Z in S3 and Soft-Off in S4/S5
• DDR/DDR2/DDR3/LPDDR3 Memory Power
Thermal Shutdown
Supplies
• SSTL-2 SSTL-18 and HSTL Termination
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS51116PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51116PWPRG4 TI1-TPS51116PWPRG4 Datasheet
1Mb / 45P
[Old version datasheet]   Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
More results

Description similaire - TPS51116PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
[Old version datasheet]   Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
[Old version datasheet]   COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
[Old version datasheet]   COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS59116 TI-TPS59116 Datasheet
794Kb / 36P
[Old version datasheet]   Complete DDR, DDR2 and DDR3 Memory Power Solution Synchronous Buck Controller 3-A LDO, Buffered Reference for Embedded Computing Systems
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com