Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51116PWPR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51116PWPR
Description  COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116PWPR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS51116PWPR Datasheet HTML 4Page - Texas Instruments TPS51116PWPR Datasheet HTML 5Page - Texas Instruments TPS51116PWPR Datasheet HTML 6Page - Texas Instruments TPS51116PWPR Datasheet HTML 7Page - Texas Instruments TPS51116PWPR Datasheet HTML 8Page - Texas Instruments TPS51116PWPR Datasheet HTML 9Page - Texas Instruments TPS51116PWPR Datasheet HTML 10Page - Texas Instruments TPS51116PWPR Datasheet HTML 11Page - Texas Instruments TPS51116PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
DEVICE INFORMATION
TPS51116
SLUS609H – MAY 2004 – REVISED JULY 2009................................................................................................................................................................ www.ti.com
TERMINAL FUNCTIONS
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PWP
RGE
Output of the transconductance amplifier for phase compensation. Connect to V5IN to disable
COMP
8
6
I/O
gm amplifier and use D-CAP™ mode.
Current sense comparator input (-) for resistor current sense scheme. Or overcurrent trip
CS
15
16
I/O
voltage setting input for RDS(on) current sense scheme if connected to V5IN (PWP), V5FILT
(RGE) through the voltage setting resistor.
DRVH
19
21
O
Switching (top) MOSFET gate drive output.
DRVL
17
19
O
Rectifying (bottom) MOSFET gate drive output.
GND
5
3
-
Signal ground. Connect to minus terminal of the VTT LDO output capacitor.
CS_GND
-
17
Current sense comparator input (+) and ground for powergood circuit.
Switching (top) MOSFET gate driver return. Current sense comparator input (-) for RDS(on)
LL
18
20
I/O
current sense.
MODE
6
4
I
Discharge mode setting pin. See VDDQ and VTT Discharge Control section.
NC
-
7,12
No connect.
Ground for rectifying (bottom) MOSFET gate driver (PWP, RGE). Also current sense
PGND
16
18
-
comparator input(+) and ground for powergood circuit (PWP).
Powergood signal open drain output, In HIGH state when VDDQ output voltage is within the
PGOOD
13
13
O
target range.
S3
11
10
I
S3 signal input.
S5
12
11
I
S5 signal input.
V5IN
14
15
I
5-V power supply input for internal circuits (PWP) and MOSFET gate drivers (PWP, RGE).
Filtered 5-V power supply input for internal circuits. Connect R-C network from V5IN to
V5FILT
-
14
I
V5FILT.
VBST
20
22
I/O
Switching (top) MOSFET driver bootstrap voltage input.
VDDQSET
10
9
I
VDDQ output voltage setting pin. See VDDQ Output Voltage Selection section.
VDDQ reference input for VTT and VTTREF. Power supply for the VTTREF. Discharge
VDDQSNS
9
8
I/O
current sinking terminal for VDDQ Non-tracking discharge. Output voltage feedback input for
VDDQ output if VDDQSET pin is connected to V5IN or GND.
VLDOIN
1
23
I
Power supply for the VTT LDO.
VTT
2
24
O
Power output for the VTT LDO.
VTTGND
3
1
-
Power ground output for the VTT LDO.
VTTREF
7
5
O
VTTREF buffered reference output.
Voltage sense input for the VTT LDO. Connect to plus terminal of the VTT LDO output
VTTSNS
4
2
I
capacitor.
8
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS51116


Numéro de pièce similaire - TPS51116PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51116PWPR TI1-TPS51116PWPR Datasheet
1Mb / 45P
[Old version datasheet]   Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
TPS51116PWPRG4 TI1-TPS51116PWPRG4 Datasheet
1Mb / 45P
[Old version datasheet]   Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
More results

Description similaire - TPS51116PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
[Old version datasheet]   Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
[Old version datasheet]   COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
[Old version datasheet]   COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS59116 TI-TPS59116 Datasheet
794Kb / 36P
[Old version datasheet]   Complete DDR, DDR2 and DDR3 Memory Power Solution Synchronous Buck Controller 3-A LDO, Buffered Reference for Embedded Computing Systems
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com