Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2226ADB Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2226ADB
Description  CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2226ADB Fiches technique(HTML) 4 Page - Texas Instruments

  TPS2226ADB Datasheet HTML 1Page - Texas Instruments TPS2226ADB Datasheet HTML 2Page - Texas Instruments TPS2226ADB Datasheet HTML 3Page - Texas Instruments TPS2226ADB Datasheet HTML 4Page - Texas Instruments TPS2226ADB Datasheet HTML 5Page - Texas Instruments TPS2226ADB Datasheet HTML 6Page - Texas Instruments TPS2226ADB Datasheet HTML 7Page - Texas Instruments TPS2226ADB Datasheet HTML 8Page - Texas Instruments TPS2226ADB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.ti.com
TPS2220A, TPS2223A
TPS2224A, TPS2226A
SLVS428E – MAY 2002 – REVISED MSRCH 2008
ELECTRICAL CHARACTERISTICS (continued)
TJ = 25°C, VI(5V) = 5 V, VI(3.3V) = 3.3 V, VI(12V) = 12 V (not applicable for TPS2223A), all outputs unloaded (unless otherwise
noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
LOGIC SECTION (CLOCK, DATA, LATCH, RESET, SHDN, OC)
RESET = 5.5 V
-1
1
II(/RESET)
(5)
RESET = 0 V
-30
-20
-10
SHDN = 5.5 V
-1
1
II(/SHDN)
(5)
II
Input current, logic
SHDN = 0 V
-50
-3
µA
LATCH = 5.5 V
50
II(LATCH)
(5)
LATCH = 0 V
-1
1
II(CLOCK, DATA)
0 V to 5.5 V
-1
1
VIH
High-level input voltage, logic
2
V
VIL
Low-level input voltage, logic
0.8
V
VO(sat)
Output saturation voltage at OC
IO = 2 mA
0.14
0.4
V
Ilkg
Leakage current at OC
VO(/OC) = 5.5 V
0
1
µA
UVLO AND POR (POWER-ON RESET)
VI(3.3V)
Input voltage at 3.3V pin, UVLO
3.3-V level below which all switches are Hi-Z
2.4
2.7
2.9
V
Vhys(3.3V)
UVLO hysteresis voltage at VA(6)
100
mV
VI(5V)
Input voltage at 5V pin, UVLO
5-V level below which only 5V switches are Hi-Z
2.3
2.5
2.8
V
Delay from voltage hit (step from 3 V to 2.3 V) to
Vhys(5V)
UVLO hysteresis voltage at 5V(6)
100
mV
Hi-Z control (90% VG to GND)
tdf
Delay time for falling response, UVLO(6)
4
µs
3.3-V voltage below which POR is asserted causing a
VI(POR)
Input voltage, power-on reset(6)
RESET internally with all line switches open and all
1.7
V
discharge switches closed.
(5)
LATCH has low-current pulldown. RESET and SHDN have low-current pullup.
(6)
Specified by design; not tested in production.
4
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2220A TPS2223A TPS2224A TPS2226A


Numéro de pièce similaire - TPS2226ADB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2226ADB TI-TPS2226ADB Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2226ADBG4 TI-TPS2226ADBG4 Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Description similaire - TPS2226ADB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Maxim Integrated Produc...
MAX1601 MAXIM-MAX1601 Datasheet
190Kb / 16P
   Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
logo
Texas Instruments
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
logo
Texas Instruments
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com