Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS1120DRG4 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS1120DRG4
Description  DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1120DRG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS1120DRG4 Datasheet HTML 4Page - Texas Instruments TPS1120DRG4 Datasheet HTML 5Page - Texas Instruments TPS1120DRG4 Datasheet HTML 6Page - Texas Instruments TPS1120DRG4 Datasheet HTML 7Page - Texas Instruments TPS1120DRG4 Datasheet HTML 8Page - Texas Instruments TPS1120DRG4 Datasheet HTML 9Page - Texas Instruments TPS1120DRG4 Datasheet HTML 10Page - Texas Instruments TPS1120DRG4 Datasheet HTML 11Page - Texas Instruments TPS1120DRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TPS1120, TPS1120Y
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS080A – MARCH 1994 – REVISED AUGUST 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.2
0.1
0
– 1
– 3
– 5
– 7
0.3
0.4
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
GATE-TO-SOURCE VOLTAGE
0.5
– 9
– 11
– 13
– 15
VGS – Gate-to-Source Voltage – V
0.6
0.7
ID = – 1 A
TJ = 25°C
Figure 9
Figure 10
– 1.2
– 1.1
– 1.3
– 1.4
GATE-TO-SOURCE THRESHOLD VOLTAGE
vs
JUNCTION TEMPERATURE
– 1.5
– 50
0
50
100
150
– 1
– 0.9
TJ – Junction Temperature – °C
ID = – 250 µA
– 6
– 4
– 2
0
02
3
5
– 8
GATE-TO-SOURCE VOLTAGE
vs
GATE CHARGE
– 10
14
6
Qg – Gate Charge – nC
VDS = – 10 V
ID = – 1 A
TJ = 25°C
Figure 11


Numéro de pièce similaire - TPS1120DRG4

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
TPS1120DRG4 VBSEMI-TPS1120DRG4 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Description similaire - TPS1120DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
List of Unclassifed Man...
TD2001Y ETC1-TD2001Y Datasheet
88Kb / 2P
   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4955GM SSC-SSM4955GM Datasheet
521Kb / 5P
   Dual P-channel Enhancement-mode Power MOSFETs
SSM4957 SSC-SSM4957 Datasheet
234Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Dongguan City Niuhang E...
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
   P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM9930M SSC-SSM9930M Datasheet
343Kb / 8P
   DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com