Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP75 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP75
Description  Digital Temperature Sensor with Two-Wire Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP75 Fiches technique(HTML) 3 Page - Texas Instruments

  TMP75 Datasheet HTML 1Page - Texas Instruments TMP75 Datasheet HTML 2Page - Texas Instruments TMP75 Datasheet HTML 3Page - Texas Instruments TMP75 Datasheet HTML 4Page - Texas Instruments TMP75 Datasheet HTML 5Page - Texas Instruments TMP75 Datasheet HTML 6Page - Texas Instruments TMP75 Datasheet HTML 7Page - Texas Instruments TMP75 Datasheet HTML 8Page - Texas Instruments TMP75 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TMP175
TMP75
SBOS288J − JANUARY 2004 − REVISED DECEMBER 2007
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = −40°C to +125°C, and V+ = 2.7V to 5.5V, unless otherwise noted.
PARAMETER
CONDITION
TMP175
TMP75
UNITS
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TEMPERATURE INPUT
Range
−40
+125
−40
+125
°C
Accuracy (Temperature Error)
−25
°C to +85°C
±0.5
±1.5
±0.5
±2.0
°C
−40
°C to +125°C
±1.0
±2.0
±1.0
±3.0
°C
vs Supply
0.2
±0.5
0.2
±0.5
°C/V
Resolution(1)
Selectable
+0.0625
+0.0625
°C
DIGITAL INPUT/OUTPUT
Input Capacitance
3
3
pF
Input Logic Levels:
VIH
0.7(V+)
6.0
0.7(V+)
6.0
V
VIL
−0.5
0.3(V+)
−0.5
0.3(V+)
V
Leakage Input Current, IIN
0V
≤ VIN ≤ 6V
1
1
µA
Input Voltage Hysteresis
SCL and SDA Pins
500
500
mV
Output Logic Levels:
VOL SDA
IOL = 3mA
0
0.15
0.4
0
0.15
0.4
V
VOL ALERT
IOL = 4mA
0
0.15
0.4
0
0.15
0.4
V
Resolution
Selectable
9 to 12
9 to 12
Bits
Conversion Time
9-Bit
27.5
37.5
27.5
37.5
ms
10-Bit
55
75
55
75
ms
11-Bit
110
150
110
150
ms
12-Bit
220
300
220
300
ms
Timeout Time
25
54
74
25
54
74
ms
POWER SUPPLY
Operating Range
2.7
5.5
2.7
5.5
V
Quiescent Current
IQ
Serial Bus Inactive
50
85
50
85
µA
Serial Bus Active, SCL Freq = 400kHz
100
100
µA
Serial Bus Active, SCL Freq = 3.4MHz
410
410
µA
Shutdown Current
ISD
Serial Bus Inactive
0.1
3
0.1
3
µA
Serial Bus Active, SCL Freq = 400kHz
60
60
µA
Serial Bus Active, SCL Freq = 3.4MHz
380
380
µA
TEMPERATURE RANGE
Specified Range
−40
+125
−40
+125
°C
Operating Range
−55
+127
−55
+127
°C
Thermal Resistance
qJA
MSOP-8
250
250
°C/W
SO-8
150
150
°C/W
(1) Specified for 12-bit resolution.


Numéro de pièce similaire - TMP75

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP75 TI-TMP75 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75 TI-TMP75 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP75 TI1-TMP75 Datasheet
446Kb / 31P
[Old version datasheet]   TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
logo
Guangdong Youtai Semico...
TMP75 UMW-TMP75 Datasheet
724Kb / 15P
   1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function
logo
Texas Instruments
TMP75-Q1 TI1-TMP75-Q1 Datasheet
446Kb / 31P
[Old version datasheet]   TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
More results

Description similaire - TMP75

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84_15 Datasheet
169Kb / 18P
[Old version datasheet]   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com