Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC393 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TLC393
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC393 Fiches technique(HTML) 3 Page - Texas Instruments

  TLC393_13 Datasheet HTML 1Page - Texas Instruments TLC393_13 Datasheet HTML 2Page - Texas Instruments TLC393_13 Datasheet HTML 3Page - Texas Instruments TLC393_13 Datasheet HTML 4Page - Texas Instruments TLC393_13 Datasheet HTML 5Page - Texas Instruments TLC393_13 Datasheet HTML 6Page - Texas Instruments TLC393_13 Datasheet HTML 7Page - Texas Instruments TLC393_13 Datasheet HTML 8Page - Texas Instruments TLC393_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
SLCS115E − DECEMBER 1986 − REVISED JULY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions
TLC393C
UNIT
MIN
NOM
MAX
UNIT
Supply voltage, VDD
3
5
16
V
Common-mode input voltage, VIC
−0.2
VDD − 1.5
V
Low-level output current, IOL
20
mA
Operating free-air temperature, TA
0
70
°C
electrical characteristics at specified operating free-air temperature, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS†
T
TLC393C
UNIT
PARAMETER
TEST CONDITIONS†
TA
MIN
TYP
MAX
UNIT
V
Inp t offset oltage
VIC = VICRmin,
VDD 5Vto10V
25
°C
1.4
5
mV
VIO
Input offset voltage
VDD = 5 V to 10 V,
See Note 3
0
°C to 70°C
6.5
mV
I
Inp t offset c rrent
V
25V
25
°C
1
pA
IIO
Input offset current
VIC = 2.5 V
70
°C
0.3
nA
I
Inp t bias c rrent
V
25V
25
°C
5
pA
IIB
Input bias current
VIC = 2.5 V
70
°C
0.6
nA
V
Common mode inp t oltage range
25
°C
0 to VDD − 1
V
VICR
Common-mode input voltage range
0
°C to 70°C
0 to VDD − 1.5
V
25
°C
84
CMMR
Common-mode rejection ratio
VIC = VICRmin
70
°C
84
dB
CMMR
Common mode rejection ratio
VIC VICRmin
0
°C
84
dB
25
°C
85
kSVR
Supply-voltage rejection ratio
VDD = 5 V to 10 V
70
°C
85
dB
kSVR
Su
ly voltage rejection ratio
VDD 5 V to 10 V
0
°C
85
dB
V
Lo
le el o tp t oltage
V
1V
I
6 mA
25
°C
300
400
mV
VOL
Low-level output voltage
VID = −1 V, IOL = 6 mA
70
°C
650
mV
I
High le el o tp t c rrent
V1 V
V
5 V
25
°C
0.8
40
nA
IOH
High-level output current
VID = 1 V,
VO = 5 V
70
°C
1
µA
IDD
Supply current (both comparators)
Outputs low No load
25
°C
22
40
µA
IDD
Supply current (both comparators)
Outputs low, No load
0
°C to 70°C
50
µA
† All characteristics are measured with zero common-mode voltage unless otherwise noted.
NOTE 3: The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V.


Numéro de pièce similaire - TLC393_13

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC393-Q1 TI1-TLC393-Q1 Datasheet
330Kb / 18P
[Old version datasheet]   DUAL MICROPOWER LinCMOS田?VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1 Datasheet
388Kb / 21P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC393-Q1 TI-TLC393-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1_14 Datasheet
388Kb / 21P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC393/339 TI-TLC393/339 Datasheet
326Kb / 12P
[Old version datasheet]   FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
More results

Description similaire - TLC393_13

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC3702-EP TI1-TLC3702-EP Datasheet
964Kb / 30P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1_14 Datasheet
388Kb / 21P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC193 TI-TLC193_V01 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC3702-EP TI1-TLC3702-EP_14 Datasheet
964Kb / 31P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1 Datasheet
330Kb / 18P
[Old version datasheet]   DUAL MICROPOWER LinCMOS田?VOLTAGE COMPARATOR
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com