Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD18N65M5 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STD18N65M5
Description  N-channel 650 V, 0.198typ., 15 A MDmesh??V Power MOSFET in D짼PAK and DPAK packages
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD18N65M5 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STD18N65M5 Datasheet HTML 3Page - STMicroelectronics STD18N65M5 Datasheet HTML 4Page - STMicroelectronics STD18N65M5 Datasheet HTML 5Page - STMicroelectronics STD18N65M5 Datasheet HTML 6Page - STMicroelectronics STD18N65M5 Datasheet HTML 7Page - STMicroelectronics STD18N65M5 Datasheet HTML 8Page - STMicroelectronics STD18N65M5 Datasheet HTML 9Page - STMicroelectronics STD18N65M5 Datasheet HTML 10Page - STMicroelectronics STD18N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STB18N65M5, STD18N65M5
Electrical characteristics
Doc ID 023446 Rev 1
7/18
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Static drain-source on-resistance
Figure 10.
Capacitance variations
Figure 11.
Output capacitance stored energy
Figure 12.
Normalized gate threshold voltage
vs temperature
Figure 13.
Normalized on-resistance vs
temperature
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=520V
ID=7.5A
300
200
100
0
400
500
VDS
(V)
VDS
25
30
12
AM12474v1
RDS(on)
0.19
0.18
0.17
0.16
0
6
ID(A)
(
Ω)
4
8
0.2
0.21
0.22
VGS=10V
0.23
0.24
2
10
12
14
AM12475v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
AM12476v1
Eoss
2
1
0
0
VDS(V)
(µJ)
400
3
200
4
5
600
6
AM12484v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
ID = 250 µA
VDS = VGS
AM12471v1
RDS(on)
1.7
1.3
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.7
1.1
1.5
1.9
2.1
VGS= 10V
ID= 7.5 A
AM12483v1


Numéro de pièce similaire - STD18N65M5

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
STD18N65M5 ISC-STD18N65M5 Datasheet
299Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Description similaire - STD18N65M5

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB18N65M5 STMICROELECTRONICS-STB18N65M5 Datasheet
1,021Kb / 18P
   N-channel 650 V, 0.198 廓 typ., 15 A MDmesh??V Power MOSFET in D짼PAK and DPAK packages
STB16N65M5 STMICROELECTRONICS-STB16N65M5 Datasheet
1Mb / 19P
   N-channel 650 V, 0.230 廓, 12 A MDmesh??V Power MOSFET in D짼PAK, DPAK
STP18N65M5 STMICROELECTRONICS-STP18N65M5 Datasheet
954Kb / 19P
   N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STD14NM50N STMICROELECTRONICS-STD14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STB14NM50N STMICROELECTRONICS-STB14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STP11NM65N STMICROELECTRONICS-STP11NM65N Datasheet
1Mb / 21P
   N-channel 650 V, 0.425 廓 typ., 11 A MDmesh?줚I Power MOSFET in DPAK, TO-220FP, I짼PAKFP and TO-220 packages
STFW69N65M5 STMICROELECTRONICS-STFW69N65M5 Datasheet
672Kb / 16P
   N-channel 650 V, 0.037 廓 typ., 58 A MDmesh??V Power MOSFET in TO-3PF and TO-247 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com