Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL16C554AIPNG4 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL16C554AIPNG4
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C554AIPNG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TL16C554AIPNG4 Datasheet HTML 6Page - Texas Instruments TL16C554AIPNG4 Datasheet HTML 7Page - Texas Instruments TL16C554AIPNG4 Datasheet HTML 8Page - Texas Instruments TL16C554AIPNG4 Datasheet HTML 9Page - Texas Instruments TL16C554AIPNG4 Datasheet HTML 10Page - Texas Instruments TL16C554AIPNG4 Datasheet HTML 11Page - Texas Instruments TL16C554AIPNG4 Datasheet HTML 12Page - Texas Instruments TL16C554AIPNG4 Datasheet HTML 13Page - Texas Instruments TL16C554AIPNG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
read cycle timing requirements over recommended ranges of operating free-air temperature and
supply voltage (see Figure 4)
MIN
MAX
UNIT
tw4
Pulse duration, IOR low
75
ns
tsu1
Setup time, CSx valid before IOR low (see Note 2)
10
ns
tsu2
Setup time, A2 − A0 valid before IOR low (see Note 2)
15
ns
th1
Hold time, A2 − A0 valid after IOR high (see Note 2)
0
ns
th2
Hold time, CSx valid after IOR high (see Note 2)
0
ns
td1
Delay time, tsu2 + tw4 + td2 (see Note 3)
140
ns
td2
Delay time, IOR high to IOR or IOW low
50
ns
NOTES:
2. The internal address strobe is always active.
3. In the FIFO mode, td1 = 425 ns (min) between reads of the receiver FIFO and the status registers (interrupt-identification register
and line-status register).
write cycle timing requirements over recommended ranges of operating free-air temperature and
supply voltage (see Figure 5)
MIN
MAX
UNIT
tw5
Pulse duration, IOW
50
ns
tsu3
Setup time, CSx valid before IOW
↓ (see Note 2)
10
ns
tsu4
Setup time, A2 − A0 valid before IOW
↓ (see Note 2)
15
ns
tsu5
Setup time, D7 − D0 valid before IOW
10
ns
th3
Hold time, A2 − A0 valid after IOW
↑ (see Note 2)
5
ns
th4
Hold time, CSx valid after IOW
↑ (see Note 2)
5
ns
th5
Hold time, D7 − D0 valid after IOW
25
ns
td3
Delay time, tsu4 + tw5 + td4
120
ns
td4
Delay time, IOW
↑ to IOW or IOR↓
55
ns
NOTE 2: The internal address strobe is always active.
read cycle switching characteristics over recommended ranges of operating free-air temperature
and supply voltage, CL = 100 pF (see Note 4 and Figure 4)
PARAMETER
MIN
MAX
UNIT
ten
Enable time, IOR
↓ to D7−D0 valid
30
ns
tdis
Disable time, IOR
↑ to D7−D0 released
0
20
ns
NOTE 4: VOL and VOH (and the external loading) determine the charge and discharge time.


Numéro de pièce similaire - TL16C554AIPNG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C554AI TI-TL16C554AI Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
More results

Description similaire - TL16C554AIPNG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com