Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3717AQTR Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce UC3717AQTR
Description  Stepper Motor Drive Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC3717AQTR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button UC3717AQTR Datasheet HTML 2Page - Texas Instruments UC3717AQTR Datasheet HTML 3Page - Texas Instruments UC3717AQTR Datasheet HTML 4Page - Texas Instruments UC3717AQTR Datasheet HTML 5Page - Texas Instruments UC3717AQTR Datasheet HTML 6Page - Texas Instruments UC3717AQTR Datasheet HTML 7Page - Texas Instruments UC3717AQTR Datasheet HTML 8Page - Texas Instruments UC3717AQTR Datasheet HTML 9Page - Texas Instruments UC3717AQTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Low-pass filter components RC CC should be selected so
that all switching transients from the power transistors
and commutating diodes are well smoothed, but the pri-
mary signal, which can be in the range of 1/TOFF or
higher must be passed. Figure 5A shows the waveform
which must be smoothed, Figure 5B presents the desired
waveform that just smoothes out overshoot without radi-
cal distortion.
The sense resistor should be chosen as small as practi-
cal to allow as much of the winding supply voltage to be
used as overdrive to the motor winding. VRS, the voltage
across the sense resistor, should not exceed 1.5V.
Voltage Overdrive: In many applications, maximum
speed or step rate is a desirable performance charac-
teristic. Maximum step rate is a direct function of the time
necessary to reverse winding current with each step. In
response to a constant motor supply voltage, the winding
current changes exponentially with time, whose shape is
determined by the winding time constant and expressed
as:
Im
=
Vm
R [1
EXP (−RTL)]
as presented in Figure 9. With rated voltage applied, the
time required to reach rated current is excessive when
compared with the time required with over-voltage ap-
plied, even though the time constant L/R remains con-
stant. With over-voltage however, the final value of
current is excessive and must be prevented. This is ac-
complished with switch drive by repetitively switching the
sink drivers on and off, so as to maintain an average
value of current equal to the rated value. This results in a
small amount of ripple in the controlled current, but the
increase in step rate and performance may be consider-
able.
Interference: Electrical noise generated by the chopping
action can cause interference problems, particularly in
the vicinity of magnetic storage media. With this in mind,
printed circuit layouts, wire runs and decoupling must be
considered. 0.01 to 0.1
µF ceramic capacitors for high fre-
quency bypass located near the drive package across
V+ and ground might be very helpful. The connection
and ground leads of the current sensing components
should be kept as short as possible.
Half-Stepping: In half step sequence the power input to
the motor alternates between one or two phases being
energized. In a two phase motor the electrical phase shift
between the windings is 90°. The torque developed is the
vector sum of the two windings energized. Therefore
when only one winding is energized the torque of the mo-
tor is reduced by approximately 30%. This causes a
torque ripple and if it is necessary to compensate for this,
the VR input can be used to boost the current of the sin-
gle energized winding.
Figure 9. With rated voltage applied, winding current does not exceed rated value, but takes L/R seconds to
reach 63% of its final value - probably too long. Increased performance requires an increase in applied volt-
age, of overdrive, and therefore a means to limit current. The UC3717A motor driver performs this task effi-
ciently.
UC3717A
FUNCTIONAL DESCRIPTION (cont.)
6


Numéro de pièce similaire - UC3717AQTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3717AQTR TI1-UC3717AQTR Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717AQTRG3 TI1-UC3717AQTRG3 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
More results

Description similaire - UC3717AQTR

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717A TI1-UC3717A_9 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI-UC1517 Datasheet
402Kb / 8P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com