Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1841J Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce UC1841J
Description  Programmable, Off-Line, PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC1841J Fiches technique(HTML) 8 Page - Texas Instruments

Back Button UC1841J Datasheet HTML 3Page - Texas Instruments UC1841J Datasheet HTML 4Page - Texas Instruments UC1841J Datasheet HTML 5Page - Texas Instruments UC1841J Datasheet HTML 6Page - Texas Instruments UC1841J Datasheet HTML 7Page - Texas Instruments UC1841J Datasheet HTML 8Page - Texas Instruments UC1841J Datasheet HTML 9Page - Texas Instruments UC1841J Datasheet HTML 10Page - Texas Instruments UC1841J Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Since Pin 10 is a direct input to the PWM comparator, this
point can also serve as a current sense port for current mode
control. In this application, current sensing is ground refer-
enced through RCS. Resistor R1 sets a 400mV offset across
R2 (assuming R2 > RCS) so that both the Error Amplifier and
Fault Shutdown can force the current completely to zero. R2 is
also used along with CF as a small filter to attenuate leading-
edge spikes on the load current waveform. In this mode,
current limiting can be accomplished by divider R3/R4 which
forms a clamp overriding the output of the Error Amplifier.
In this circuit, R1 is used in conjunction with CR (not shown) to
establish a minimum ramp charging current such that the ramp
voltage reaches 4.2V at the required maximum output pulse
width.
The purpose of Q1 is to provide an increasing ramp current
above a threshold established by R2 and R3 such that the duty
cycle is further reduced with increasing VIN.
The minimum ramp current is:
lR
(MIN) =
VREF
VIN SENSE
R1
4
V
R1
The threshold where VIN begins to add extra ramp current is:
VIN
≈ 5.6V
R2
+ R3
R3
Above the threshold, the ramp current will be:
lR
(VARIAB)
4
R1
+
VIN
− 5.6
R2
5.6
R3
UC1841
UC2841
UC3841
ERROR LATCH INTERNAL CIRCUITRY
PROGRAMMABLE SOFT START AND
RESTART DELAY CIRCUIT
The Error Latch consists of Q5 and Q6 which, when both on,
turns off the PWM Output and pulls the Slow-Start pin low. This
latch is set by either the Over-Voltage or Current Shutdown
comparators, or by a high signal on Pin 4. Reset is accom-
plished by either the Reset comparator or a low signal on Pin
4. An activation time delay can be provided with an external
capacitor on Pin 4 in conjunction with the
≈ 100µA collector
current from Q4.
UNITRODE INTEGRATED CIRCUITS
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX (603) 424-3460
VOLTAGE FEED-FORWARD COMBINED WITH
MAXIMUM DUTY-CYCLE CLAMP
CURRENT MODE CONTROL
8


Numéro de pièce similaire - UC1841J

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1841 TI-UC1841 Datasheet
923Kb / 9P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
More results

Description similaire - UC1841J

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1851 TI-UC1851 Datasheet
576Kb / 7P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
SLUS226 TI1-SLUS226 Datasheet
772Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC1841 TI-UC1841 Datasheet
923Kb / 9P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
logo
STMicroelectronics
UC1840 STMICROELECTRONICS-UC1840 Datasheet
447Kb / 10P
   PROGRAMMABLE, OFF-LIINE, PWM CONTROLLER
logo
Infineon Technologies A...
ICE2QR0665 INFINEON-ICE2QR0665_10 Datasheet
658Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.3, April 27, 2010
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1815 DIALOG-IW1815 Datasheet
355Kb / 6P
   Off-Line Digital Green-Mode PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
logo
Infineon Technologies A...
ICE2QR4765 INFINEON-ICE2QR4765_10 Datasheet
812Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
logo
Dialog Semiconductor
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com