Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33064D-5R2 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC33064D-5R2
Description  Undervoltage Sensing Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33064D-5R2 Fiches technique(HTML) 2 Page - ON Semiconductor

  MC33064D-5R2 Datasheet HTML 1Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 2Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 3Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 4Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 5Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 6Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 7Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 8Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC34064, MC33064, NCV33064
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Input Supply Voltage
Vin
−1.0 to 10
V
Reset Output Voltage
VO
10
V
Reset Output Sink Current (Note 2)
ISink
Internally
Limited
mA
Clamp Diode Forward Current, Reset to Input Pin (Note 2)
IF
100
mA
Power Dissipation and Thermal Characteristics
P Suffix, Plastic Package
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Air
D Suffix, Plastic Package
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Air
DM Suffix, Plastic Package
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Air
PD
RqJA
PD
RqJA
PD
RqJA
625
200
625
200
520
240
mW
°C/W
mW
°C/W
mW
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
MC34064
MC33064
NCV33064
TA
0 to +70
−40 to +85
−40 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. ESD data available upon request.
ELECTRICAL CHARACTERISTICS (For typical values TA = 25°C, for min/max values TA is the operating ambient temperature range
that applies [Notes 3 and 4] unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
COMPARATOR
Threshold Voltage
High State Output (Vin Increasing)
Low State Output (Vin Decreasing)
Hysteresis
VIH
VIL
VH
4.5
4.5
0.01
4.61
4.59
0.02
4.7
4.7
0.05
V
RESET OUTPUT
Output Sink Saturation
(Vin = 4.0 V, ISink = 8.0 mA)
(Vin = 4.0 V, ISink = 2.0 mA)
(Vin = 1.0 V, ISink = 0.1 mA)
VOL
0.46
0.15
1.0
0.4
0.1
V
Output Sink Current (Vin, Reset = 4.0 V)
ISink
10
27
60
mA
Output Off-State Leakage (Vin, Reset = 5.0 V)
IOH
0.02
0.5
mA
Clamp Diode Forward Voltage, Reset to Input Pin (IF = 10 mA)
VF
0.6
0.9
1.2
V
TOTAL DEVICE
Operating Input Voltage Range
Vin
1.0 to 6.5
V
Quiescent Input Current (Vin = 5.0 V)
Iin
390
500
mA
2. Maximum package power dissipation limits must be observed.
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
4. Tlow =0°C for MC34064
Thigh = +70°C for MC34064
−40°C for MC33064
+85°C for MC33064
−40°C for NCV33064
+125°C for NCV33064
5. NCV prefix is for automotive and other applications requiring site and change control.


Numéro de pièce similaire - MC33064D-5R2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33064D-5R2 ONSEMI-MC33064D-5R2 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC33064D-5R2G ONSEMI-MC33064D-5R2G Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC33064D-5R2G ONSEMI-MC33064D-5R2G Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results

Description similaire - MC33064D-5R2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com