Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC284xBD1G Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce UC284xBD1G
Description  High Performance Current Mode Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC284xBD1G Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button UC284xBD1G Datasheet HTML 4Page - ON Semiconductor UC284xBD1G Datasheet HTML 5Page - ON Semiconductor UC284xBD1G Datasheet HTML 6Page - ON Semiconductor UC284xBD1G Datasheet HTML 7Page - ON Semiconductor UC284xBD1G Datasheet HTML 8Page - ON Semiconductor UC284xBD1G Datasheet HTML 9Page - ON Semiconductor UC284xBD1G Datasheet HTML 10Page - ON Semiconductor UC284xBD1G Datasheet HTML 11Page - ON Semiconductor UC284xBD1G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
UC3844B, UC3845B, UC2844B, UC2845B
http://onsemi.com
8
Figure 16. Representative Block Diagram
Figure 17. Timing Diagram
Capacitor CT
Latch “Set"
Input
Output/
Compensation
Current Sense
Input
Latch “Reset"
Input
Output
Large RT/Small CT
Small RT/Large CT
+
-
Reference
Regulator
VCC
UVLO
+
-
Vref
UVLO
3.6V
36V
S
R
Q
Internal
Bias
+ 1.0mA
Oscillator
2.5V
R
R
R
2R
Error
Amplifier
Voltage
Feedback
Input
Output/
Compensation
Current Sense
Comparator
1.0V
VCC 7(12)
GND
5(9)
VC
7(11)
Output
6(10)
Power Ground
5(8)
Current Sense Input
3(5)
RS
Q1
VCC
Vin
1(1)
2(3)
4(7)
8(14)
RT
CT
Vref
= Sink Only Positive True Logic
Pin numbers adjacent to terminals are for the 8-pin dual-in-line package.
Pin numbers in parenthesis are for the D suffix SOIC-14 package.
PWM
Latch
(See
Text)
T


Numéro de pièce similaire - UC284xBD1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
UC284XBD1G ONSEMI-UC284XBD1G Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
UC284XBD1G ONSEMI-UC284XBD1G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC284XBD1G ONSEMI-UC284XBD1G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC284XBD1G ONSEMI-UC284XBD1G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC284xBD1G ONSEMI-UC284xBD1G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
More results

Description similaire - UC284xBD1G

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com