Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC284xBDG Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce UC284xBDG
Description  High Performance Current Mode Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC284xBDG Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button UC284xBDG Datasheet HTML 2Page - ON Semiconductor UC284xBDG Datasheet HTML 3Page - ON Semiconductor UC284xBDG Datasheet HTML 4Page - ON Semiconductor UC284xBDG Datasheet HTML 5Page - ON Semiconductor UC284xBDG Datasheet HTML 6Page - ON Semiconductor UC284xBDG Datasheet HTML 7Page - ON Semiconductor UC284xBDG Datasheet HTML 8Page - ON Semiconductor UC284xBDG Datasheet HTML 9Page - ON Semiconductor UC284xBDG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
UC3844B, UC3845B, UC2844B, UC2845B
http://onsemi.com
6
Sink Saturation
(Load to VCC)
RT = 10 k
CT = 3.3 nF
VFB = 0 V
ISense = 0 V
TA = 25°C
0
0
VCC, SUPPLY VOLTAGE (V)
10
20
30
40
5
10
15
20
25
Figure 12. Output Saturation Voltage
versus Load Current
Figure 13. Output Waveform
TA = 25°C
TA = -55°C
VCC
VCC = 15 V
80
ms Pulsed Load
120 Hz Rate
TA = -55°C
TA = 25°C
0
800
0
I O, OUTPUT LOAD CURRENT (mA)
200
400
600
1.0
2.0
3.0
-2.0
-1.0
0
Source Saturation
(Load to Ground)
GND
50 ns/DIV
90
%
10
%
VCC = 15 V
CL = 1.0 nF
TA = 25°C
100 ns/DIV
VCC = 30 V
CL = 15 pF
TA = 25°C
Figure 14. Output Cross Conduction
Figure 15. Supply Current versus Supply Voltage
PIN FUNCTION DESCRIPTION
Pin
Function
Description
8−Pin
14−Pin
1
1
Compensation
This pin is the Error Amplifier output and is made available for loop compensation.
2
3
Voltage
Feedback
This is the inverting input of the Error Amplifier. It is normally connected to the switching power
supply output through a resistor divider.
3
5
Current Sense
A voltage proportional to inductor current is connected to this input. The PWM uses this
information to terminate the output switch conduction.
4
7
RT/CT
The Oscillator frequency and maximum Output duty cycle are programmed by connecting resistor
RT to Vref and capacitor CT to ground. Oscillator operation to 1.0 kHz is possible.
5
GND
This pin is the combined control circuitry and power ground.
6
10
Output
This output directly drives the gate of a power MOSFET. Peak currents up to 1.0 A are sourced
and sunk by this pin. The output switches at one−half the oscillator frequency.
7
12
VCC
This pin is the positive supply of the control IC.
8
14
Vref
This is the reference output. It provides charging current for capacitor CT through resistor RT.
8
Power
Ground
This pin is a separate power ground return that is connected back to the power source. It is used
to reduce the effects of switching transient noise on the control circuitry.
11
VC
The Output high state (VOH) is set by the voltage applied to this pin. With a separate power source
connection, it can reduce the effects of switching transient noise on the control circuitry.
9
GND
This pin is the control circuitry ground return and is connected back to the powersource ground.
2,4,6,13
NC
No connection. These pins are not internally connected.


Numéro de pièce similaire - UC284xBDG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
UC284XBDG ONSEMI-UC284XBDG Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
UC284XBDG ONSEMI-UC284XBDG Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC284XBDG ONSEMI-UC284XBDG Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC284XBDG ONSEMI-UC284XBDG Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC284xBDG ONSEMI-UC284xBDG Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
More results

Description similaire - UC284xBDG

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com