Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3671MFX-1.2 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce LM3671MFX-1.2
Description  LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3671MFX-1.2 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM3671MFX-1.2 Datasheet HTML 3Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 4Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 5Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 6Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 7Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 8Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 9Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 10Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
LM3671
LM3671Q
www.ti.com
SNVS294P – NOVEMBER 2004 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS
(1) (2) (3)
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the entire junction temperature range for
operation,
−40°C to +125°C. Unless otherwise noted, specifications apply to the LM3671MF/TL/LC with VIN = EN = 3.6V
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Input Voltage
(4)
2.7
5.5
V
Feedback Voltage (Fixed) MF
−4
+4
Feedback Voltage (Fixed) TL
PWM mode (5)
−2.5
+2.5
%
Feedback Voltage (Fixed) LC
−4
+4
Feedback Voltage (ADJ) MF
−4
+4
(6)
PWM mode (5)
%
VFB
Feedback Voltage (ADJ) TL
−2.5
+2.5
2.7V
≤ VIN ≤ 5.5V
Line Regulation
0.031
%/V
IO = 10 mA
100 mA
≤ IO ≤ 600 mA
Load Regulation
0.0013
%/mA
VIN= 3.6V
VREF
Internal Reference Voltage
0.5
V
ISHDN
Shutdown Supply Current
EN = 0V
0.01
1
µA
No load, device is not switching (FB
IQ
DC Bias Current into VIN
forced higher than programmed
16
35
µA
output voltage)
RDSON (P)
Pin-Pin Resistance for PFET
VIN= VGS= 3.6V
380
500
m
RDSON (N)
Pin-Pin Resistance for NFET
VIN= VGS= 3.6V
250
400
m
ILIM
Switch Peak Current Limit
Open Loop (7)
830
1020
1150
mA
VIH
Logic High Input
1.0
V
VIL
Logic Low Input
0.4
V
IEN
Enable (EN) Input Current
0.01
1
µA
FOSC
Internal Oscillator Frequency
PWM Mode (5)
1.6
2
2.6
MHz
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers are not specified, but do represent the most
likely norm.
(3)
The parameters in the electrical characteristic table are tested at VIN= 3.6V unless otherwise specified. For performance over the input
voltage range refer to datasheet curves.
(4)
The input voltage range recommended for ideal applications performance for the specified output voltages are given below:VIN = 2.7V to
4.5V for 1.1V
≤ VOUT < 1.5VVIN = 2.7V to 5.5V for 1.5V ≤ VOUT < 1.8VVIN = (VOUT+ VDROPOUT) to 5.5V for 1.8V ≤ VOUT ≤ 3.3Vwhere
VDROPOUT = ILOAD *( RDSON, PFET + RINDUCTOR)
(5)
Test condition: for VOUT less than 2.5V, VIN = 3.6V; for VOUT greater than or equal to 2.5V, VIN = VOUT+ 1V.
(6)
ADJ version is configured to 1.5V output. For ADJ output version: VIN = 2.7V to 4.5V for 0.90V ≤ VOUT < 1.1VVIN = 2.7V to 5.5V for 1.1V
≤ VOUT < 3.3V
(7)
Refer to datasheet curves for closed loop data and its variation with regards to supply voltage and temperature. Electrical Characteristic
table reflects open loop data (FB=0V and current drawn from SW pin ramped up until cycle by cycle current limit is activated). Closed
loop current limit is the peak inductor current measured in the application circuit by increasing output current until output voltage drops
by 10%.
DISSIPATION RATING TABLE
θJA
TA≤ 25°C
TA= 60°C
TA= 85°C
Power Rating
Power Rating
Power Rating
130°C/W (4 layer board) SOT-23
770 mW
500 mW
310 mW
85°C/W (4 layer board) 5-bump
1179 mW
765 mW
470 mW
DSBGA
165°C/W (4 layer board) 6-pin
606 mW
394 mW
242 mW
USON
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3671 LM3671Q


Numéro de pièce similaire - LM3671MFX-1.2

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3671MFX-1.2 NSC-LM3671MFX-1.2 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671MFX-1.2 NSC-LM3671MFX-1.2 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671MFX-1.2 NSC-LM3671MFX-1.2 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MFX-1.2/NOPB TI1-LM3671MFX-1.2/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671MFX-1.25 NSC-LM3671MFX-1.25 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
More results

Description similaire - LM3671MFX-1.2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com