Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3674MF-1.875 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce LM3674MF-1.875
Description  LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3674MF-1.875 Fiches technique(HTML) 5 Page - Texas Instruments

  LM3674MF-1.875 Datasheet HTML 1Page - Texas Instruments LM3674MF-1.875 Datasheet HTML 2Page - Texas Instruments LM3674MF-1.875 Datasheet HTML 3Page - Texas Instruments LM3674MF-1.875 Datasheet HTML 4Page - Texas Instruments LM3674MF-1.875 Datasheet HTML 5Page - Texas Instruments LM3674MF-1.875 Datasheet HTML 6Page - Texas Instruments LM3674MF-1.875 Datasheet HTML 7Page - Texas Instruments LM3674MF-1.875 Datasheet HTML 8Page - Texas Instruments LM3674MF-1.875 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM3674
www.ti.com
SNVS405F – DECEMBER 2005 – REVISED MAY 2013
Electrical Characteristics
(1) (2) (3)
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the full operating junction temperature range
(
−30°C ≤ TJ ≤ 125°C). Unless otherwise noted, specifications apply to the LM3674 with VIN = EN = 3.6V
Parameter
Test Condition
Min
Typ
Max
Units
VFB
Feedback Voltage(4)(5)
IO = 10mA
-4
+4
%
Line Regulation
2.7V
≤ VIN ≤ 5.5V
0.083
%/V
IO = 100 mA
Load Regulation
100 mA
≤ IO ≤ 600 mA
0.0010
%/mA
VIN = 3.6V
VREF
Internal Reference Voltage
See (6)
0.5
V
ISHDN
Shutdown Supply Current
EN = 0V
0.01
1
µA
IQ
DC Bias Current into VIN
No load, device is not switching
300
600
µA
(FB=0V)
RDSON (P)
Pin-Pin Resistance for PFET
ISW = 200mA
380
500
m
RDSON (N)
Pin-Pin Resistance for NFET
ISW = 200mA
250
400
m
ILIM
Switch Peak Current Limit
Open Loop (7)
830
1020
1200
mA
VIH
Logic High Input
1.0
V
VIL
Logic Low Input
0.4
V
IEN
Enable (EN) Input Current
0.01
1
µA
FOSC
Internal Oscillator Frequency
PWM Mode
1.6
2
2.6
MHz
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers represent the most likely norm.
(3)
The parameters in the electrical characteristic table are tested at VIN = 3.6V unless otherwise specified. For performance over the input
voltage range refer to datasheet curves.
(4)
ADJ configured to 1.5V output.
(5)
For VOUT less than 2.5V, VIN = 3.6V, for VOUT greater than or equal to 2.5V, VIN = VOUT +1.
(6)
For the ADJ version the resistor dividers should be selected such that at the desired output voltage, the voltage at the FB pin is 0.5V.
(7)
Refer to datasheet curves for closed loop data and its variation with regards to supply voltage and temperature. Electrical Characteristic
table reflects open loop data (FB=0V and current drawn from SW pin ramped up until cycle by cycle current limit is activated). Closed
loop current limit is the peak inductor current measured in the application circuit by increasing output current until output voltage drops
by 10%.
Dissipation Rating
over operating free-air temperature range (unless otherwise noted)
θJA
TA ≤ 25°C (Power Rating)
TA = 60°C (Power Rating)
TA = 85°C (Power Rating)
250°C/W (2 layer board)
400mW
260mW
160mW
130°C/W (4 layer board)
770mW
500mW
310mW
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3674


Numéro de pièce similaire - LM3674MF-1.875

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3674MF-1.875 NSC-LM3674MF-1.875 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
More results

Description similaire - LM3674MF-1.875

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3674 TI-LM3674_15 Datasheet
4Mb / 26P
[Old version datasheet]   LM3674 2-MHz, 600-mA Step-Down DC-DC Converter in SOT-23
logo
National Semiconductor ...
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
   1MHz Step-Down DC/DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com