Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2576HVS-3.3 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM2576HVS-3.3
Description  LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2576HVS-3.3 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM2576HVS-3.3 Datasheet HTML 7Page - Texas Instruments LM2576HVS-3.3 Datasheet HTML 8Page - Texas Instruments LM2576HVS-3.3 Datasheet HTML 9Page - Texas Instruments LM2576HVS-3.3 Datasheet HTML 10Page - Texas Instruments LM2576HVS-3.3 Datasheet HTML 11Page - Texas Instruments LM2576HVS-3.3 Datasheet HTML 12Page - Texas Instruments LM2576HVS-3.3 Datasheet HTML 13Page - Texas Instruments LM2576HVS-3.3 Datasheet HTML 14Page - Texas Instruments LM2576HVS-3.3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
LM2576, LM2576HV
www.ti.com
SNVS107C – JUNE 1999 – REVISED APRIL 2013
TEST CIRCUIT AND LAYOUT GUIDELINES
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring
inductance generate voltage transients which can cause problems. For minimal inductance and ground loops, the
length of the leads indicated by heavy lines should be kept as short as possible. Single-point grounding (as
indicated) or ground plane construction should be used for best results. When using the Adjustable version,
physically locate the programming resistors near the regulator, to keep the sensitive feedback wiring short.
CIN — 100 μF, 75V, Aluminum Electrolytic
COUT — 1000 μF, 25V, Aluminum Electrolytic
D1 — Schottky, MBR360
L1 — 100 μH, Pulse Eng. PE-92108
R1 — 2k, 0.1%
R2 — 6.12k, 0.1%
Figure 21. Fixed Output Voltage Versions
where
VREF = 1.23V, R1 between 1k and 5k
Figure 22. Adjustable Output Voltage Version
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2576 LM2576HV


Numéro de pièce similaire - LM2576HVS-3.3

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2576HVS-3.3 NSC-LM2576HVS-3.3 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576HVS-3.3 TI1-LM2576HVS-3.3 Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM2576HVS-3.3 TGS-LM2576HVS-3.3 Datasheet
4Mb / 8P
   regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
logo
ARTSCHIP ELECTRONICS CO...
LM2576HVS-3.3 ARTSCHIP-LM2576HVS-3.3 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2576HVS-3.3 UMW-LM2576HVS-3.3 Datasheet
2Mb / 10P
   IC REG BUCK 3A TO263-5L
More results

Description similaire - LM2576HVS-3.3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2576S-12 TI1-LM2576S-12 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576 TI-LM2576_15 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576T-ADJ TI1-LM2576T-ADJ Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
[Old version datasheet]   LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com