Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DZ5-CE005D Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce DZ5-CE005D
Description  Cable Ends
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

DZ5-CE005D Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  DZ5-CE005D Datasheet HTML 1Page - List of Unclassifed Manufacturers DZ5-CE005D Datasheet HTML 2Page - List of Unclassifed Manufacturers DZ5-CE005D Datasheet HTML 3Page - List of Unclassifed Manufacturers DZ5-CE005D Datasheet HTML 4Page - List of Unclassifed Manufacturers DZ5-CE005D Datasheet HTML 5Page - List of Unclassifed Manufacturers DZ5-CE005D Datasheet HTML 6Page - List of Unclassifed Manufacturers DZ5-CE005D Datasheet HTML 7Page - List of Unclassifed Manufacturers DZ5-CE005D Datasheet HTML 8Page - List of Unclassifed Manufacturers DZ5-CE005D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DZ5 Cable Ends
Packaging
© 1998 Square D All Rights Reserved
4
09/98
3 Packaging Choices
Strip of 10 tear-off bags
for sizes
≥ 0.25 mm2 to ≤ 4 mm2
Individual Bag of 20 or 100 Cable Ends
for sizes 6 mm2 to 50 mm2
Dispensing packs of 200, 100 or 50 Cable Ends
• for sizes 0.5 mm2 to 2.5 mm2 (single conductor cable ends)
• for sizes 2 x 0.7 mm2 to 2 x 2.5 mm2 (twin conductor cable ends)
Dispensing packs are boxed in specially designed cartons, with each carton containing 5 packs.
This packaging method simplifies use by:
• Avoiding mixing different sized cable ends
• Using colored packs which match the color-coded sleeves of the enclosed cable ends
• Allowing regulated distribution (A) and quick restorage of unused cable ends (C)
• Incorporating a catchment tray for the released cable ends (B)
Gently squeeze the sides of the insulated cable end dispensing packs (3) for a regulated supply of cable
ends into a catchment tray (4). The flow stops as the sides of the pack are released. To facilitate storage,
the dispensing packs are boxed in lots of 5 in a self-feeding carton (1) with a special cut-out in the base
for removing the dispensing packs. An inspection window (2) above the feeder cut-out enables instant
verification of the number of dispensing packs remaining in the carton. The color of the dispensing pack
matches the insulated sleeve color coding of the enclosed Telemecanique cable ends. Selection of the
correct size cable ends (see pages 5 and 7 for color codes) is therefore very quick and simple.
A
C
B
1 Carton
2 Inspection
Window
3 Dispensing
Pack
4 Catchment
Tray


Numéro de pièce similaire - DZ5-CE005D

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DZ5-CE005 ETC2-DZ5-CE005 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
More results

Description similaire - DZ5-CE005D

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DZ5-CE005 ETC2-DZ5-CE005 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
logo
Pomona Electronics
2BA POMONA-2BA Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
1658 POMONA-1658 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
2247 POMONA-2247 Datasheet
30Kb / 1P
   Miniature Double Banana Plug Both Ends Cable Assembly
2239 POMONA-2239 Datasheet
33Kb / 1P
   Single Stacking Banana Plugs Both Ends Cable Assembly
5223 POMONA-5223 Datasheet
25Kb / 1P
   Triaxial Cable Assembly Male Both Ends, 3 Lug
4813 POMONA-4813 Datasheet
22Kb / 1P
   Cable Assembly, Microware Right Angle SMA (Male) Both Ends
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
logo
Tensility International...
CA-2194 TENSILITY-CA-2194 Datasheet
95Kb / 2P
   Cable, P13 to stripped/tinned ends, 6 feet 24 AWG zip cord
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com