Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC4226-T1-A Fiches technique(PDF) 2 Page - Renesas Technology Corp

No de pièce 2SC4226-T1-A
Description  NPN Silicon RF Transistor NPN Epitaxial Silicon RF Transistor for High-Frequency Low-Noise Amplification 3-pin super Minimold
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4226-T1-A Fiches technique(HTML) 2 Page - Renesas Technology Corp

  2SC4226-T1-A Datasheet HTML 1Page - Renesas Technology Corp 2SC4226-T1-A Datasheet HTML 2Page - Renesas Technology Corp 2SC4226-T1-A Datasheet HTML 3Page - Renesas Technology Corp 2SC4226-T1-A Datasheet HTML 4Page - Renesas Technology Corp 2SC4226-T1-A Datasheet HTML 5Page - Renesas Technology Corp 2SC4226-T1-A Datasheet HTML 6Page - Renesas Technology Corp 2SC4226-T1-A Datasheet HTML 7Page - Renesas Technology Corp 2SC4226-T1-A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC4226
R09DS0022EJ0200 Rev.2.00
Page 2 of 6
Jun 29, 2011
ELECTRICAL CHARACTERISTICS (TA = +25
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 10 V, IE = 0
1.0
μA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
1.0
μA
DC Current Gain
hFE
Note 1
VCE = 3 V, IC = 7 mA
40
110
250
RF Characteristics
Gain Bandwidth Product
fT
VCE = 3 V, IC = 7 mA
3.0
4.5
GHz
Insertion Power Gain
⏐S21e2
VCE = 3 V, IC = 7 mA, f = 1 GHz
7
9
dB
Noise Figure
NF
VCE = 3 V, IC = 7 mA, f = 1 GHz
1.2
2.5
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 3 V, IE = 0, f = 1 MHz
0.7
1.5
pF
Notes 1. Pulse measurement: PW
≤ 350
μs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
Rank
R23/Y23
R24/Y24
R25/Y25
Marking
R23
R24
R25
hFE Value
40 to 80
70 to 140
125 to 250
<R>


Numéro de pièce similaire - 2SC4226-T1-A

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Guangdong Kexin Industr...
2SC4226 KEXIN-2SC4226 Datasheet
60Kb / 1P
   NPN Silicon Epitaxial Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226 Datasheet
287Kb / 3P
   NPN Silicon Plastic Encapsulated Transistor
2SC4226 SECOS-2SC4226 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
Galaxy Semi-Conductor H...
2SC4226 BILIN-2SC4226 Datasheet
198Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
More results

Description similaire - 2SC4226-T1-A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SC4228 RENESAS-2SC4228_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN SUPER MINIMOLD
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
2SC5012 RENESAS-2SC5012_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
NE68539 CEL-NE68539 Datasheet
727Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC5011 RENESAS-2SC5011_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
NE68718 CEL-NE68718 Datasheet
306Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC3357 RENESAS-2SC3357 Datasheet
218Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC4536 RENESAS-2SC4536_15 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC4093 RENESAS-2SC4093_15 Datasheet
175Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
2SC4957 RENESAS-2SC4957_15 Datasheet
189Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com